Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5155QDSSRQ1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5155QDSSRQ1
Description  2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5155QDSSRQ1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5155QDSSRQ1 Datasheet HTML 13Page - Texas Instruments LM5155QDSSRQ1 Datasheet HTML 14Page - Texas Instruments LM5155QDSSRQ1 Datasheet HTML 15Page - Texas Instruments LM5155QDSSRQ1 Datasheet HTML 16Page - Texas Instruments LM5155QDSSRQ1 Datasheet HTML 17Page - Texas Instruments LM5155QDSSRQ1 Datasheet HTML 18Page - Texas Instruments LM5155QDSSRQ1 Datasheet HTML 19Page - Texas Instruments LM5155QDSSRQ1 Datasheet HTML 20Page - Texas Instruments LM5155QDSSRQ1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
10
T
RT(TYPICAL)
2.21 10
R
955
f
u
VLOAD
Secondary Side
Soft-start
FB
COMP
SS
17
LM5155-Q1, LM51551-Q1
www.ti.com
SNVSAY4B – AUGUST 2018 – REVISED JULY 2019
Product Folder Links: LM5155-Q1 LM51551-Q1
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 24. Primary-Side Soft-Start in Flyback
Figure 25 shows an implementation of secondary side soft-start in flyback topology.
Figure 25. Secondary-Side Soft-Start in Flyback
9.3.4 Switching Frequency (RT Pin)
The switching frequency of the device can be set by a single RT resistor connected between the RT and the
AGND pins. The resistor value to set the RT switching frequency (fRT) is calculated as shown in Equation 5.
(5)
The RT pin is regulated to 0.5 V by the internal RT regulator when the device is enabled.
9.3.5 Clock Synchronization (UVLO/SYNC Pin)
The switching frequency of the device can be synchronized to an external clock by pulling down the UVLO/SYNC
pin. The internal clock of the device is synchronized at the falling edge, but ignores the falling edge input during
the forced off-time which is determined by the maximum duty cycle limit. The external synchronization clock must
pull down the UVLO/SYNC pin voltage below 1.45 V (typical). The duty cycle of the pulldown pulse is not limited,
but the minimum pulldown pulse width must be greater than 150 ns, and the minimum pullup pulse width must be
greater than 250 ns. Figure 26 shows an implementation of the remote shutdown function. The UVLO pin can be
pulled down by a discrete MOSFET or an open-drain output of an MCU. In this configuration, the device stops
switching immediately after the UVLO pin is grounded, and the device shuts down 35 µs (typical) after the UVLO
pin is grounded.


Similar Part No. - LM5155QDSSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155QDSSRQ1 TI-LM5155QDSSRQ1 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
More results

Similar Description - LM5155QDSSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155-Q1 TI-LM5155-Q1_V02 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com