Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM51551QDSSTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM51551QDSSTQ1
Description  2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM51551QDSSTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM51551QDSSTQ1 Datasheet HTML 6Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 7Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 8Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 9Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 10Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 11Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 12Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 13Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
1.56
D015
UVLO rising
UVLO falling
Frequency (kHz)
0
250
500
750
1000 1250 1500 1750 2000 2250
85
86
87
88
89
90
91
92
93
94
95
D016
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
D013
VVCC (V)
2
4
6
8
10
12
14
16
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D014
Isource (A)
Isink (A)
10
LM5155-Q1, LM51551-Q1
SNVSAY4B – AUGUST 2018 – REVISED JULY 2019
www.ti.com
Product Folder Links: LM5155-Q1 LM51551-Q1
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. ISS vs Temperature
Figure 14. Peak Driver Current vs VCC
Figure 15. UVLO Threshold vs Temperature
Figure 16. Maximum Duty Cycle vs Frequency


Similar Part No. - LM51551QDSSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51551QDSSTQ1 TI-LM51551QDSSTQ1 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
More results

Similar Description - LM51551QDSSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155-Q1 TI-LM5155-Q1_V02 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com