Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM51551QDSSTQ1 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM51551QDSSTQ1
Description  2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM51551QDSSTQ1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM51551QDSSTQ1 Datasheet HTML 23Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 24Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 25Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 26Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 27Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 28Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 29Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 30Page - Texas Instruments LM51551QDSSTQ1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
27
LM5155-Q1, LM51551-Q1
www.ti.com
SNVSAY4B – AUGUST 2018 – REVISED JULY 2019
Product Folder Links: LM5155-Q1 LM51551-Q1
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table 2. List of Materials() (continued)
REFERENCE
DESIGNATOR
QTY.
SPECIFICATION
MANUFACTURER
PART NUMBER
RG
1
RES, 0, 5%, 0.1 W, 0603
Yageo America
RC0603JR-070RL
CF
1
CAP, CERM, 100 pF, 50 V,+/- 1%, C0G/NP0, 0603
Kemet
C0603C101F5GACTU
RF
1
RES, 100, 1%, 0.1 W, 0603
Yageo America
RC0603FR-07100RL
RSNB
0
N/A
N/A
N/A
CSNB
0
N/A
N/A
N/A
RBIAS
1
RES, 0, 5%, 0.1 W, AEC-Q200 Grade 0, 0603
Panasonic
ERJ-3GEY0R00V
CBIAS
1
CAP, CERM, 0.01 uF, 50 V, +/- 10%, X7R, 0603
Samsung Electro-
Mechanics
CL10B103KB8NCNC
CVCC
1
CAP, CERM, 1 uF, 16 V, +/- 20%, X7R, AEC-Q200
Grade 1, 0603
MuRata
GCM188R71C105MA64D
RPG
1
RES, 24.9 k, 1%, 0.1 W, 0603
Yageo America
RC0603FR-0724K9L
10.2.2.3 Inductor Selection (LM)
When selecting the inductor, consider three key parameters: inductor current ripple ratio (RR), falling slope of the
inductor current, and RHP zero frequency (fRHP).
Inductor current ripple ratio is selected to have a balance between core loss and copper loss. The falling slope of
the inductor current must be low enough to prevent sub-harmonic oscillation at high duty cycle (additional RSL
resistor is required if not). Higher fRHP (= lower inductance) allows a higher crossover frequency and is always
preferred when using a small value output capacitor.
The inductance value can be selected to set the inductor current ripple between 30% and 70% of the average
inductor current as a good compromise between RR, FRHP and inductor falling slope.
10.2.2.4 Output Capacitor (COUT)
There are a few ways to select the proper value of output capacitor (COUT). The output capacitor value can be
selected based on output voltage ripple, output overshoot or undershoot due to load transient.
The ripple current rating of the output capacitors must be enough to handle the output ripple current. By using
multiple output capacitors, the ripple current can be split. In practice, ceramic capacitors are placed closer to the
diode and the MOSFET than the bulk aluminum capacitors in order to absorb the majority of the ripple current.
10.2.2.5 Input Capacitor
The input capacitors decrease the input voltage ripple. The required input capacitor value is a function of the
impedance of the source power supply. More input capacitors are required if the impedance of the source power
supply is not low enough.
10.2.2.6 MOSFET Selection
The MOSFET gate driver of the device is sourced from the VCC. The maximum gate charge is limited by the 35-
mA VCC sourcing current limit.
A leadless package is preferred for high switching-frequency designs. The MOSFET gate capacitance should be
small enough so that the gate voltage is fully discharged during the off-time.
10.2.2.7 Diode Selection
A Schottky is the preferred type for D1 diode due to its low forward voltage drop and small reverse recovery
charge. Low reverse leakage current is important parameter when selecting the Schottky diode. The diode must
be rated to handle the maximum output voltage plus any switching node ringing. Also, it must be able to handle
the average output current.


Similar Part No. - LM51551QDSSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51551QDSSTQ1 TI-LM51551QDSSTQ1 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
More results

Similar Description - LM51551QDSSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155-Q1 TI-LM5155-Q1_V02 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com