Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5155-Q1 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LM5155-Q1
Description  2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5155-Q1 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM5155-Q1 Datasheet HTML 39Page - Texas Instruments LM5155-Q1 Datasheet HTML 40Page - Texas Instruments LM5155-Q1 Datasheet HTML 41Page - Texas Instruments LM5155-Q1 Datasheet HTML 42Page - Texas Instruments LM5155-Q1 Datasheet HTML 43Page - Texas Instruments LM5155-Q1 Datasheet HTML 44Page - Texas Instruments LM5155-Q1 Datasheet HTML 45Page - Texas Instruments LM5155-Q1 Datasheet HTML 46Page - Texas Instruments LM5155-Q1 Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
(1)
10X (0.5)
(1.9)
12X (0.25)
12X (0.5)
(2.65)
(R0.05) TYP
(
0.2) VIA
TYP
(1.075)
WSON - 0.8 mm max height
DSS0012C
PLASTIC SMALL OUTLINE - NO LEAD
4224220/A 02/2018
SYMM
1
6
7
12
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:25X
13
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
EXPOSED METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSDE METAL


Similar Part No. - LM5155-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI-LM5155-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
LM5155-Q1 TI-LM5155-Q1_V02 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
More results

Similar Description - LM5155-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155-Q1 TI-LM5155-Q1_V02 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com