Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM2010 Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010 Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2010 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Figure 22: Ferrite Bead Filter to Reduce EMI
Shutdown Operation
In order to reduce power consumption while the device is not in use, the HM2010 includes shutdown circuitry
to de-bias all the internal circuitry when the SHDN pin is pulled low. During shutdown, the supply current of
the HM2010 is reduced less than 0.1µA, typically.
Under Voltage Lockout (UVLO)
The HM2010 incorporates circuitry designed to detect a low supply voltage. When the supply voltage drops
below 2.0V (typical), the HM2010 goes into shutdown mode. The device will emerge out of the shutdown
mode and resume its normal operation only when the supply voltage is restored to above 2.2V (typical) and
the SHDN pin pulled high.
Short-circuit Auto-Recovery
When an over-current or short-circuit event occurs, the HM2010 goes into shutdown mode. During shutdown,
the HM2010 activates auto-recovery process whose aim is to return the device to normal operation once the
fault condition is removed. This process repeatedly examines whether the fault condition persists, and
returns the device to normal operation immediately after the fault condition is removed. This feature helps
protect the device from large currents and maintain long-term reliability while removing the need for
external system interaction to resume normal operation.
Over Temperature Protection
Thermal protection on the HM2010 prevents the device from being damaged when the internal die
temperature exceeds 160°C. Once the die temperature exceeds the prescribed value, the device will enter
into shutdown state and the outputs are disabled. This is not a latched fault. The thermal fault cleared once
the temperature of the die decreased by 30°C. This large hysteresis will prevent it from generating motor
boating sound and allow the device resume normal operation without the need for external system
interaction.
POP and Click Circuitry
The HM2010 contains circuitry to minimize turn-on and turn-off transients or “click and pops”, where turn-on
refers to either power supply turn-on or device recover from shutdown mode. When the device is turned on,
the amplifiers are internally muted. An internal current source ramps up the internal reference voltage. The
device will remain in mute mode until the reference voltage reach half supply voltage, 1/2 VDD. As soon as
the reference voltage is stable, the device will begin full operation. For the best power-off pop performance,
the amplifier should be set in shutdown mode prior to removing the power supply voltage.


Similar Part No. - HM2010

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2010A HMSEMI-HM2010A Datasheet
712Kb / 7P
   3W Class D Fully Differential Input Mono Audio Amplifier
More results

Similar Description - HM2010

ManufacturerPart #DatasheetDescription
logo
Fangtek Ltd.
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Texas Instruments
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
   Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com