Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACMD-7401 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. ACMD-7401
Description  Miniature PCS Band Duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ACMD-7401 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Agilent ACMD-7401
Miniature PCS Band Duplexer
Data Sheet
Description
The ACMD-7401 is a miniaturized
duplexer designed using Agilent's
Film Bulk Acoustic Resonator
(FBAR) technology. The ACMD-
7401 is the first duplexer built
with Agilent's innovative
Microcap bonded-wafer chip
scale packaging technology. This
process allows the ultra small
filters to be assembled in a
molded chip-on-board (MCOB)
module that is less than 1.4 mm
high with a 5 x 5 mm footprint.
The ACMD-7401 enhances the
sensitivity and dynamic range of
CDMA receivers, providing more
than 50 dB attenuation of transmit-
ted signal at the receiver input, and
Features
• Miniature size: less than 1.4 mm
high, 5 x 5 mm footprint
• Rx Band: 1930 – 1990 MHz typical
performance:
Rx Noise Blocking: 44 dB
Insertion Loss: 2.2 dB typical,
3.0 dB band edge
• Tx Band: 1850 – 1910 MHz typical
performance:
Tx Interferer Blocking: 54 dB
Insertion Loss: 1.8 dB typical,
2.5 dB band edge
• 30 dBm Tx Power Handling
Applications
• Handsets or data terminals
operating in the US PCS frequency
band
more than 40 dB rejection of the
transmit-generated noise in the
receive band. Typical insertion loss
in the Tx channel is only 1.8 dB,
minimizing current drain from the
power amplifier. Typical insertion
loss in the Rx channel is 2.2 dB,
improving receiver sensitivity.
Agilent’s thin-film Bulk Acoustic
Resonator (FBAR) technology
makes possible high-Q filters at a
fraction their usual size. The
excellent power handling of the
bulk-mode resonators supports
the high output powers needed in
PCS handsets, with virtually no
added distortion.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HPMD-7904FBAR Duplexer for US PCS Band 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HPMD-7905FBAR Duplexer for US PCS Band 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MHL18336PCS BAND RF LINEAR LDMOS AMPLIFIER 1 2 Motorola, Inc
KFF6675A1900 MHz PCS Duplexer 1 2 List of Unclassifed Manufacturers
MHPA19010PCS BAND RF LINEAR LDMOS AMPLIFIER 1 2 3 4 Motorola, Inc
MHL19338NPCS Band RF Linear LDMOS Amplifier 1 2 3 Freescale Semiconductor, Inc
TQ36313V PCS Band CDMA LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
AWT6108RGSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control 1 2 3 4 5 MoreANADIGICS, Inc
TQ3632Low Current 3V PCS Band CDMA LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor
TQ3M31Dual Band LNA: 2.8V Cellular and PCS Band CDMA/AMPS LNA IC 1 2 3 4 5 MoreTriQuint Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn