Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00CC0WT-V5 Datasheet(PDF) 17 Page - Rohm

Part # BA00CC0WT-V5
Description  2A/1A Variable Output LDO Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WT-V5 Datasheet(HTML) 17 Page - Rohm

Back Button BA00CC0WT-V5 Datasheet HTML 13Page - Rohm BA00CC0WT-V5 Datasheet HTML 14Page - Rohm BA00CC0WT-V5 Datasheet HTML 15Page - Rohm BA00CC0WT-V5 Datasheet HTML 16Page - Rohm BA00CC0WT-V5 Datasheet HTML 17Page - Rohm BA00CC0WT-V5 Datasheet HTML 18Page - Rohm BA00CC0WT-V5 Datasheet HTML 19Page - Rohm BA00CC0WT-V5 Datasheet HTML 20Page - Rohm BA00CC0WT-V5 Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Datasheet
17/21
BA00DD0XX series
BA00CC0XX series
TSZ02201-0R6R0A600080-1-2
5.Sep.2018 Rev.004
TSZ22111・15・001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
Package Name
TO220CP-V5
The direction is the pin 1 of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand


Similar Part No. - BA00CC0WT-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WT-V5 ROHM-BA00CC0WT-V5 Datasheet
359Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WT-V5 ROHM-BA00CC0WT-V5 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WT-V5 ROHM-BA00CC0WT-V5 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WT-V5 ROHM-BA00CC0WT-V5 Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
More results

Similar Description - BA00CC0WT-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com