Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00CC0WT Datasheet(PDF) 12 Page - Rohm

Part # BA00CC0WT
Description  2A/1A Variable Output LDO Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WT Datasheet(HTML) 12 Page - Rohm

Back Button BA00CC0WT Datasheet HTML 8Page - Rohm BA00CC0WT Datasheet HTML 9Page - Rohm BA00CC0WT Datasheet HTML 10Page - Rohm BA00CC0WT Datasheet HTML 11Page - Rohm BA00CC0WT Datasheet HTML 12Page - Rohm BA00CC0WT Datasheet HTML 13Page - Rohm BA00CC0WT Datasheet HTML 14Page - Rohm BA00CC0WT Datasheet HTML 15Page - Rohm BA00CC0WT Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Datasheet
12/21
BA00DD0XX series
BA00CC0XX series
TSZ02201-0R6R0A600080-1-2
5.Sep.2018 Rev.004
TSZ22111・15・001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
●Power Dissipation
When using at temperatures over Ta=25°C, please refer to the heat reducing characteristics shown in Fig.28 through 30.
The IC characteristics are closely related to the temperature at which the IC is used, so it is necessary to operate the IC at
temperatures less than the maximum junction temperature TjMAX.
Fig.29 shows the acceptable loss and heat reducing characteristics of the TO220FP package The portion shown by the
diagonal line is the acceptable loss range that can be used with the IC alone. Even when the ambient temperature Ta is a
normal temperature (25°C), the chip (junction) temperature Tj may be quite high so please operate the IC at temperatures
less than the acceptable loss Pd.
The calculation method for power consumption Pc(W) is as follows:
Pc = (Vcc-Vo) x Io + Vcc x Icca
Acceptable loss Pd
≤Pc
Solving this for load current Io in order to operate within the acceptable loss,
Io
(Please refer to Fig.8 and 20 for Icca.)
It is then possible to find the maximum load current IoMAX with respect to the applied voltage Vcc at the time of thermal design.
Pd - Vcc x Icca
Vcc-Vo
Vcc :
Vo :
Io :
Icca :
Input voltage
Output voltage
Load current
Circuit current
0
5
10
15
20
25
0
25
50
75
100
125
150
Ambient temperature Ta(°C)
Fig.29
Fig.28
TO220FP-5
(1) When using a maximum heat sick :
θj-c=6.25(°C /W)
(2) When using an IC alone :
θj-c=62.5(°C /W)
(1) 20.0
(2) 2.0
Fig.30
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
Ambient temperature Ta(°C)
TO252-5
1.30
Mounted on a Rohm standard board
Board size : 70×70×1.6mm
Copper foil area :7×7mm
TO252-
5θja=96.2(°C/W)
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
150
Ambient temperature Ta(°C)
Board size : 70×70×1.6mm3 (board contains a thermal)
Board front copper foil area : 10.5×10.5 mm2
(1) 2-layer board (back surface copper foil area :15×15 mm2)
(2) 2-layer board (back surface copper foil area :70×70 mm2)
(3) 4-layer board (back surface copper foil area :70×70 mm2)
(3)7.3W
(2)5.5W
(1)2.3W
HRP5


Similar Part No. - BA00CC0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WT ROHM-BA00CC0WT Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WT ROHM-BA00CC0WT Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WT ROHM-BA00CC0WT Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WT ROHM-BA00CC0WT Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WT ROHM-BA00CC0WT Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
More results

Similar Description - BA00CC0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com