Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC849CLT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC849CLT1
Description  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC849CLT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BC849CLT1 Datasheet HTML 1Page - ON Semiconductor BC849CLT1 Datasheet HTML 2Page - ON Semiconductor BC849CLT1 Datasheet HTML 3Page - ON Semiconductor BC849CLT1 Datasheet HTML 4Page - ON Semiconductor BC849CLT1 Datasheet HTML 5Page - ON Semiconductor BC849CLT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 6
1
Publication Order Number:
BC846ALT1/D
BC846ALT1 Series
BC846, BC847 and BC848 are Preferred Devices
General Purpose
Transistors
NPN Silicon
Features
Pb−Free Packages are Available
Moisture Sensitivity Level: 1
ESD Rating − Human Body Model: >4000 V
ESD Rating − Machine Model: >400 V
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC846
BC847, BC850
BC848, BC849
VCEO
65
45
30
Vdc
Collector−Base Voltage
BC846
BC847, BC850
BC848, BC849
VCBO
80
50
30
Vdc
Emitter−Base Voltage
BC846
BC847, BC850
BC848, BC849
VEBO
6.0
6.0
5.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board,
(Note 1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient (Note 1)
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient (Note 2)
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
− 55 to
+150
°C
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in 99.5% alumina.
SOT−23
CASE 318
STYLE 6
MARKING DIAGRAM
xxD
1
2
3
Preferred devices are recommended choices for future use
and best overall value.
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
xx
= Specific Device Code
D
= Date Code
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - BC849CLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC849CLT1 MOTOROLA-BC849CLT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
Leshan Radio Company
BC849CLT1 LRC-BC849CLT1 Datasheet
183Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results

Similar Description - BC849CLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com