Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH1817ET Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CH1817ET
Description  Family of Low Profile DAA Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH1817ET Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CH1817ET Datasheet HTML 1Page - List of Unclassifed Manufacturers CH1817ET Datasheet HTML 2Page - List of Unclassifed Manufacturers CH1817ET Datasheet HTML 3Page - List of Unclassifed Manufacturers CH1817ET Datasheet HTML 4Page - List of Unclassifed Manufacturers CH1817ET Datasheet HTML 5Page - List of Unclassifed Manufacturers CH1817ET Datasheet HTML 6Page - List of Unclassifed Manufacturers CH1817ET Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cermetek Microelectronics, Inc.
CH1817 Family of Low Profile DAA Modules
Table 2.
CH1817 DAA Electrical Specifications.
VCC=+5VDC ± 5%, TA=0° to 55°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Current
Off-Hook
Off-Hook
4
0.6
6
1.5
mA
mA
Transmission
Insertion Loss
Attenuation between transmit input and telephone line at
1800Hz with 600Ohm termination:
CH1817-L measured XMIT(+) with respect to GND
CH1817-DM measured XMIT(-) with respect to XMIT(+)
CH1817-LM measured XMIT(+) with respect to GND
CH1817-D measured XMIT(-) with respect to XMIT(+)
9.0
6.0
6.0
-0.5
9.5
6.5
6.5
0.0
10.0
7.0
7.0
0.5
dBm
dBm
dBm
dBm
Receive Gain
Gain between telephone line and receive output at
1800Hz with 600Ohm termination
-0.5
0.0
0.5
dBm
Telephone Line
Input Impedance
At 1800Hz
550
600
650
Ohm
Trans-Hybrid Loss
Attenuation between the transmitter input and receiver
output at 1800Hz with 600Ohm termination
18
23
dBm
Transmit Input
Impedance
At 1800Hz
120
150
200
kOhm
Receive Output
Impedance
At 1800Hz
100
1000
Ohm
Ring Detect
Sensitivity
AC voltage between Tip and Ring
38
Vrms
Ringer Equivalency
Number (REN)
Type “A”
0.2
A
Hook Switch Control
Current
4
mA
Loop current
20
80
mA
Weight
10
gm
Figure 6. Pin Connections.
2002 Cermetek Microelectronics, Inc.
Page 6
Document No. 607-0007 Revision B (01/02)


Similar Part No. - CH1817ET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1837A ETC1-CH1837A Datasheet
203Kb / 9P
   CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1837F ETC1-CH1837F Datasheet
203Kb / 9P
   CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1838A ETC1-CH1838A Datasheet
203Kb / 9P
   CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
More results

Similar Description - CH1817ET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
logo
alpha microelectronics ...
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
   Family of HV LED Driver Modules
logo
List of Unclassifed Man...
XE0092 ETC1-XE0092 Datasheet
116Kb / 11P
   Surface-Mount DAA Modules for Audio or Data Transfer
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
   LMH2 LED Modules Family
logo
Unisonic Technologies
V2464 UTC-V2464 Datasheet
211Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL
logo
ELATEC GmbH
HOP2-CBLEL ELATEC-HOP2-CBLEL Datasheet
269Kb / 3P
   Panel housing for RFID modules of the TWN4 MultiTech 2 family
11/2023
logo
Future Technology Devic...
USB-COM232-PLUS4 FTDI-USB-COM232-PLUS4 Datasheet
686Kb / 23P
   The USB-COM-Plus modules are a family of communication devices
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
logo
HALO Electronics, Inc.
TGM-010P3RL HALO-TGM-010P3RL Datasheet
560Kb / 3P
   Low Profile SMD Isolation Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com