Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW33LT1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # BCW33LT1
Description  General Purpose Transistor(NPN Silicon)?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW33LT1 Datasheet(HTML) 6 Page - ON Semiconductor

  BCW33LT1 Datasheet HTML 1Page - ON Semiconductor BCW33LT1 Datasheet HTML 2Page - ON Semiconductor BCW33LT1 Datasheet HTML 3Page - ON Semiconductor BCW33LT1 Datasheet HTML 4Page - ON Semiconductor BCW33LT1 Datasheet HTML 5Page - ON Semiconductor BCW33LT1 Datasheet HTML 6Page - ON Semiconductor BCW33LT1 Datasheet HTML 7Page - ON Semiconductor BCW33LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BCW33LT1
http://onsemi.com
6
Figure 16A.
TJ, JUNCTION TEMPERATURE (°C)
104
−4
0
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by the model
as shown in Figure 16A. Using the model and the device thermal
response the normalized effective transient thermal resistance of
Figure 16 was calculated for various duty cycles.
To find ZθJA(t), multiply the value obtained from Figure 16 by the
steady state value RθJA.
Example:
The MPS3904 is dissipating 2.0 watts peak under the following
conditions:
t1 = 1.0 ms, t2 = 5.0 ms. (D = 0.2)
Using Figure 16 at a pulse width of 1.0 ms and D = 0.2, the reading of
r(t) is 0.22.
The peak rise in junction temperature is therefore
∆T = r(t) x P(pk) x RθJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see AN-569.
10−2
10−1
100
101
102
103
−2
0
0
+ 20 + 40 + 60 + 80 + 100 + 120 + 140 + 160
VCC = 30 Vdc
ICEO
ICBO
AND
ICEX @ VBE(off) = 3.0 Vdc


Similar Part No. - BCW33LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW33LT1 MOTOROLA-BCW33LT1 Datasheet
371Kb / 8P
   General Purpose Transistor
logo
Leshan Radio Company
BCW33LT1 LRC-BCW33LT1 Datasheet
265Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BCW33LT1 ONSEMI-BCW33LT1 Datasheet
262Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 4
BCW33LT1D ONSEMI-BCW33LT1D Datasheet
262Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 4
BCW33LT1G ONSEMI-BCW33LT1G Datasheet
262Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 4
More results

Similar Description - BCW33LT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com