Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APX9142 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part No. APX9142
Description  High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANPEC [Anpec Electronics Coropration]
Homepage  http://www.anpec.com.tw
Logo 

APX9142 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - Apr., 2003
APX9142
www.anpec.com.tw
3
Magnetic Characteristics T
A = 25°C, VDD=12V unless otherwise noted
Rank
Maximum Operate Point
Bop
Maximum Release Point
Brp
Unit
AT
+40
-40
Gauss
A
+55
-55
Gauss
B
+80
-80
Gauss
Figure 1 : Switching Circuit for Output Rise Time and Fall Time Measurement
Test Information
Application Circuit
Signal Generator
V
DD
Scope
23
14
R
L1
R
L2
APX9142
Figure 2 Typical DC brushless fan application circuit
23
1
V
DD
+B
-B
APX9142
L1
L2
4
V
DD
C1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn