Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC14D Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. 74HC14D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC14D Datasheet(HTML) 4 Page - Toshiba Semiconductor

  74HC14D Datasheet HTML 1Page - Toshiba Semiconductor 74HC14D Datasheet HTML 2Page - Toshiba Semiconductor 74HC14D Datasheet HTML 3Page - Toshiba Semiconductor 74HC14D Datasheet HTML 4Page - Toshiba Semiconductor 74HC14D Datasheet HTML 5Page - Toshiba Semiconductor 74HC14D Datasheet HTML 6Page - Toshiba Semiconductor 74HC14D Datasheet HTML 7Page - Toshiba Semiconductor 74HC14D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74HC14D
4
12.
12.
12.
12. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
12.1.
12.1.
12.1.
12.1. DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Positive threshold voltage
Negative threshold voltage
Hysteresis voltage
High-level output voltage
Low-level output voltage
Input leakage current
Quiescent supply current
Symbol
VP
VN
VH
VOH
VOL
IIN
ICC
Test Condition
VIN = VIL
VIN = VIH
VIN = VCC or GND
VIN = VCC or GND
IOH = -20 µA
IOH = -4 mA
IOH = -5.2 mA
IOL = 20 µA
IOL = 4 mA
IOL = 5.2 mA
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
6.0
6.0
Min
0.7
1.7
2.1
0.3
0.9
1.5
0.3
0.6
0.8
1.9
4.4
5.9
4.18
5.68
Typ.
1.18
2.38
3.14
0.52
1.40
1.89
0.6
1.1
1.2
2.0
4.5
6.0
4.31
5.80
0.0
0.0
0.0
0.17
0.18
Max
1.50
3.15
4.20
0.9
2.0
2.6
1.0
1.4
1.7
0.1
0.1
0.1
0.26
0.26
±0.1
1.0
Unit
V
V
V
V
V
µA
µA
12.2.
12.2.
12.2.
12.2. DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85 
))))
Characteristics
Positive threshold voltage
Negative threshold voltage
Hysteresis voltage
High-level output voltage
Low-level output voltage
Input leakage current
Quiescent supply current
Symbol
VP
VN
VH
VOH
VOL
IIN
ICC
Test Condition
VIN = VIL
VIN = VIH
VIN = VCC or GND
VIN = VCC or GND
IOH = -20 µA
IOH = -4 mA
IOH = -5.2 mA
IOL = 20 µA
IOL = 4 mA
IOL = 5.2 mA
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
6.0
6.0
Min
0.7
1.7
2.1
0.3
0.9
1.2
0.3
0.6
0.8
1.9
4.4
5.9
4.13
5.63
Max
1.50
3.15
4.20
0.9
2.0
2.6
1.0
1.4
1.7
0.1
0.1
0.1
0.33
0.33
±1.0
10.0
Unit
V
V
V
V
V
µA
µA
2016-05-24
Rev.3.0
©2016 Toshiba Corporation


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn