Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HCT20 Datasheet(PDF) 3 Page - Integral Corp.

Part No. IN74HCT20
Description  DUAL 4-INPUT NAND GATE High-Performance Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT20 Datasheet(HTML) 3 Page - Integral Corp.

  IN74HCT20 Datasheet HTML 1Page - Integral Corp. IN74HCT20 Datasheet HTML 2Page - Integral Corp. IN74HCT20 Datasheet HTML 3Page - Integral Corp. IN74HCT20 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74HCT20
3
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum
High-
Level
Input
Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT≤ 20 µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level
Input
Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT ≤ 20 µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum
High-
Level
Output
Voltage
VIN=
VIH
or
VIL
IOUT ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN=
VIH
or
VIL
IOUT ≤ 4.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum
Low-
Level
Output
Voltage
VIN=VIH
IOUT ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH
IOUT ≤ 4.0 mA
4.5
0.26
0.33
0.4
IIN
Maximum
Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN=VCC
or
GND
IOUT=0µA
5.5
2.0
20
40
µA
∆ICC
Quiescent
Additional Supply
Current
VIN=2.4
V,Any
One
Input
VIN=VCC or GND, Other
Inputs
≥-55
°C
25
°C to
125
°C
mA
IOUT=0µA
5.5
2.9
2.4


Similar Part No. - IN74HCT20

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74HCT20A INTEGRAL-IN74HCT20A Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HCT20A IKSEMICON-IN74HCT20A Datasheet
187Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
Integral Corp.
Integral Corp.
IN74HCT20AD INTEGRAL-IN74HCT20AD Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate
IN74HCT20AN INTEGRAL-IN74HCT20AN Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate
More results

Similar Description - IN74HCT20

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74HC20A INTEGRAL-IN74HC20A Datasheet
178Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HCT20A KODENSHI-KK74HCT20A Datasheet
196Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HC20A IKSEMICON-IN74HC20A Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
System Logic Semiconductor
System Logic Semiconduc...
SL74HCT20 SLS-SL74HCT20 Datasheet
33Kb / 4P
   Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC20A KODENSHI-KK74HC20A Datasheet
193Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
Motorola, Inc
Motorola, Inc
MC74HC30 MOTOROLA-MC74HC30 Datasheet
146Kb / 5P
   8-Input NAND Gate High-Performance Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74AC20 KODENSHI-KK74AC20 Datasheet
223Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT20 KODENSHI-KK74ACT20 Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
Integral Corp.
Integral Corp.
IN74AC20 INTEGRAL-IN74AC20 Datasheet
143Kb / 4P
   DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK4012B KODENSHI-KK4012B Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz