Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC80251G2D-L16CB Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TSC80251G2D-L16CB
Description  B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC80251G2D-L16CB Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TSC80251G2D-L16CB Datasheet HTML 3Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 4Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 5Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 6Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 7Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 8Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 9Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 10Page - ATMEL Corporation TSC80251G2D-L16CB Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
7
AT/TSC8x251G2D
4135D–8051–08/05
Signals
Table 2. Product Name Signal Description
Signal
Name
Type
Description
Alternate
Function
A17
O
18
th Address Bit
Output to memory as 18th external address bit (A17) in extended bus
applications, depending on the values of bits RD0 and RD1 in UCONFIG0
byte (see Table 13, Page 20).
P1.7
A16
O
17
th Address Bit
Output to memory as 17th external address bit (A16) in extended bus
applications, depending on the values of bits RD0 and RD1 in UCONFIG0
byte (see Table 13, Page 20).
P3.7
A15:8(1)
O
Address Lines
Upper address lines for the external bus.
P2.7:0
AD7:0(1)
I/O
Address/Data Lines
Multiplexed lower address lines and data for the external memory.
P0.7:0
ALE
O
Address Latch Enable
ALE signals the start of an external bus cycle and indicates that valid
address information are available on lines A16/A17 and A7:0. An external
latch can use ALE to demultiplex the address from address/data bus.
AWAIT#
I
Real-time Asynchronous Wait States Input
When this pin is active (low level), the memory cycle is stretched until it
becomes high. When using the Product Name as a pin-for-pin replacement
for a 8xC51 product, AWAIT# can be unconnected without loss of
compatibility or power consumption increase (on-chip pull-up).
Not available on DIP package.
CEX4:0
I/O
PCA Input/Output pins
CEXx are input signals for the PCA capture mode and output signals for
the PCA compare and PWM modes.
P1.7:3
EA#
I
External Access Enable
EA# directs program memory accesses to on-chip or off-chip code memory.
For EA# = 0, all program memory accesses are off-chip.
For EA# = 1, an access is on-chip ROM if the address is within the range of
the on-chip ROM; otherwise the access is off-chip. The value of EA# is
latched at reset.
For devices without ROM on-chip, EA# must be strapped to ground.
ECI
O
PCA External Clock input
ECI is the external clock input to the 16-bit PCA timer.
P1.2
MISO
I/O
SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave
peripheral. When SPI is in slave mode, MISO outputs data to the master
controller.
P1.5
MOSI
I/O
SPI Master Output Slave Input line
When SPI is in master mode, MOSI outputs data to the slave peripheral.
When SPI is in slave mode, MOSI receives data from the master controller.
P1.7
INT1:0#
I
External Interrupts 0 and 1
INT1#/INT0# inputs set IE1:0 in the TCON register. If bits IT1:0 in the
TCON register are set, bits IE1:0 are set by a falling edge on INT1#/INT0#.
If bits IT1:0 are cleared, bits IE1:0 are set by a low level on INT1#/INT0#.
P3.3:2


Similar Part No. - TSC80251G2D-L16CB

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251G2D-L16CB TEMIC-TSC80251G2D-L16CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D-L16CB ATMEL-TSC80251G2D-L16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Similar Description - TSC80251G2D-L16CB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
STMicroelectronics
ST7LITE49K2 STMICROELECTRONICS-ST7LITE49K2 Datasheet
3Mb / 245P
   Communication interfaces
February 2009 Rev 4
logo
TEMIC Semiconductors
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com