Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC32 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV320AIC32
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC32 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button TLV320AIC32 Datasheet HTML 3Page - Burr-Brown (TI) TLV320AIC32 Datasheet HTML 4Page - Burr-Brown (TI) TLV320AIC32 Datasheet HTML 5Page - Burr-Brown (TI) TLV320AIC32 Datasheet HTML 6Page - Burr-Brown (TI) TLV320AIC32 Datasheet HTML 7Page - Burr-Brown (TI) TLV320AIC32 Datasheet HTML 8Page - Burr-Brown (TI) TLV320AIC32 Datasheet HTML 9Page - Burr-Brown (TI) TLV320AIC32 Datasheet HTML 10Page - Burr-Brown (TI) TLV320AIC32 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
www.ti.com
TLV320AIC32
SLAS479A – AUGUST 2005 – REVISED SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
At 25
°C, AVDD, DRVDD, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–77
1-kHz output, PO = 5 mW, RL = 32 Ω
0.014
–76
1-kHz output, PO = 10 mW, RL = 32 Ω
0.016
Total harmonic distortion
dB%
–73
1-kHz output, PO = 10 mW, RL = 16 Ω
0.022
–71
1-kHz output, PO = 20 mW, RL = 16 Ω
0.028
Channel separation
1 kHz, 0 dB input
90
dB
Power supply rejection ratio
217 Hz, 100 mVpp on AVDD, DRVDD1/2
48
dB
Mute attenuation
1-kHz output
107
dB
DIGITAL I/O
0.3
×
VIL
Input low level
IIL = +5-µA
–0.3
V
IOVDD
0.7
×
VIH
Input high level(6)
IIH = +5-µA
V
IOVDD
0.1
×
VOL
Output low level
IIH = 2 TTL loads
V
IOVDD
0.8
×
VOH
Output high level
IOH = 2 TTL loads
V
IOVDD
SUPPLY CURRENT
Fs = 48-kHz
AVDD+DRVDD
3.0
Fs = 48-kHz, PLL off, headphone
Stereo line playback
mA
drivers off
DVDD
2.0
AVDD+DRVDD
2
Mono record
Fs = 48-kHz, PLL and AGC off
mA
DVDD
2.7
AVDD+DRVDD
4
Stereo record
Fs = 48-kHz, PLL and AGC off
mA
DVDD
3.3
AVDD+DRVDD
1.2
Additional power consumed when
PLL
mA
PLL is powered
DVDD
1
AVDD+DRVDD
LINE2LP/RP only routed to
3.3
Headphone amplifier
single-ended headphones, DAC
mA
DVDD
0
and PLL off, no signal applied
AVDD+DRVDD
All supply voltages applied, all
0.1
Power down
blocks programmed in lowest
mA
DVDD
0.5
power state
(6)
When IOVDD < 1.6V, minimum VIH is 1.1V.
7


Similar Part No. - TLV320AIC32

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC32 BURR-BROWN-TLV320AIC32 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results

Similar Description - TLV320AIC32

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com