Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6170X Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TDA6170X
Description  Components for Entertainment Electronics, Satellite Sound IF
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6170X Datasheet(HTML) 5 Page - Infineon Technologies AG

  TDA6170X Datasheet HTML 1Page - Infineon Technologies AG TDA6170X Datasheet HTML 2Page - Infineon Technologies AG TDA6170X Datasheet HTML 3Page - Infineon Technologies AG TDA6170X Datasheet HTML 4Page - Infineon Technologies AG TDA6170X Datasheet HTML 5Page - Infineon Technologies AG TDA6170X Datasheet HTML 6Page - Infineon Technologies AG TDA6170X Datasheet HTML 7Page - Infineon Technologies AG TDA6170X Datasheet HTML 8Page - Infineon Technologies AG TDA6170X Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Semiconductor Group
1
21.7.99
Satellite Sound IF
TDA6170X
with Wegener Expander
Data Sheet
BIPOLAR
1
Features
• Fast I2C-bus controlled (max. 400 kHz)
• PLL controlled sound IF tuning with
10 kHz stepwidth
• Second order high-pass mixer input
• IF MUX for 10.7 MHz
broad / small IF filters
• Two identical high sensitive alignment free
FM demodulators
• Original Wegener PANDA 1TM expander
• Volume control for individual settings
• 50 µs / 75 µs / J17 de-emphasis for main
sound reception
• Fully ESD protection
P-DSO-28
Package
2
Ordering Information
3
General Description
Multistandard satellite sound IF device consisting of a mixer and a voltage controlled oscillator (VCO) as a fre-
quency converter that can be continuously tuned in 10 kHz increments with crystal accuracy by means of a
PLL, two FM limiter amplifiers with PLL FM demodulators followed by two Wegener PANDA1TM expanders.
The AF signal passes through two switches. Each switch can select the AF sources and the mono / stereo
mode the de-emphasis networks together with the two following volume control stages with audio buffers.
In front of one FM section an IF multiplexer is used to select the IF bandwidth.
The switching functions and settings of the PLL are controlled by an I2C-bus.
3.1
Application
• For use in satellite receivers
Type
Package
Ordering Code
TDA6170X
P-DSO-28-1
Q67001-A5214


Similar Part No. - TDA6170X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6106 PHILIPS-TDA6106 Datasheet
111Kb / 12P
   Video output amplifier
1997 Mar 03
More results

Similar Description - TDA6170X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
logo
Infineon Technologies A...
TUA6100B6 INFINEON-TUA6100B6 Datasheet
819Kb / 46P
   Components for Satellite Receiver Units
01.2001 , V219
logo
NXP Semiconductors
TDA8011T PHILIPS-TDA8011T Datasheet
80Kb / 12P
   IF amplifier for satellite TV receivers
February 1995
logo
Maxim Integrated Produc...
MAX12005 MAXIM-MAX12005 Datasheet
1Mb / 14P
   Satellite IF Switch
Rev 1; 10/11
logo
DB Lectro Inc
MB1265A12NP DBLECTRO-MB1265A12NP Datasheet
31Kb / 1P
   SOUND COMPONENTS
logo
STMicroelectronics
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
   SATELLITE SOUND AND VIDEO PROCESSORS
STV0042A STMICROELECTRONICS-STV0042A Datasheet
235Kb / 24P
   SATELLITE SOUND AND VIDEO PROCESSORS
logo
Faraday Technology
FB281 FARADAY-FB281 Datasheet
89Kb / 2P
   SATELLITE IF CHANNEL FILTERS
logo
STMicroelectronics
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
   SATELLITE SOUND AND VIDEO PROCESSOR
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
   Ferrite Components for the Electronics Industry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com