Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTHR5R06B-TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTHR5R06B-TR
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTHR5R06B-TR Datasheet(HTML) 8 Page - STMicroelectronics

  STTHR5R06B-TR Datasheet HTML 1Page - STMicroelectronics STTHR5R06B-TR Datasheet HTML 2Page - STMicroelectronics STTHR5R06B-TR Datasheet HTML 3Page - STMicroelectronics STTHR5R06B-TR Datasheet HTML 4Page - STMicroelectronics STTHR5R06B-TR Datasheet HTML 5Page - STMicroelectronics STTHR5R06B-TR Datasheet HTML 6Page - STMicroelectronics STTHR5R06B-TR Datasheet HTML 7Page - STMicroelectronics STTHR5R06B-TR Datasheet HTML 8Page - STMicroelectronics STTHR5R06B-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STTH5R06
8/9
Table 7: Ordering Information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.8 m.N. (TO-220FPAC) / 0.55 m.N. (TO-220AC)
Maximum torque value: 1.0 m.N. (TO-220FPAC) / 0.70 m.N. (TO-220AC)
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH5R06D
STTH5R06D
TO-220AC
1.90 g
50
Tube
STTHR5R06G
STTH5R06G
D2PAK
1.48 g
50
Tube
STTHR5R06G-TR
STTHR5R06G
D2PAK
1.48 g
1000
Tape & reel
STTHR5R06FP
STTHR5R06FP
TO-220FPAC
1.70 g
50
Tube
STTHR5R06B
STTHR5R06B
DPAK
0.3 g
75
Tube
STTHR5R06B-TR
STTHR5R06B-TR
DPAK
0.3 g
2500
Tape & reel
Table 8: Revision History
Date
Revision
Description of Changes
Oct-2002
3
Last update
07-Sep-2004
4
Tcases values splitted for TO-220FPAC package


Similar Part No. - STTHR5R06B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH10002 STMICROELECTRONICS-STTH10002 Datasheet
112Kb / 8P
   Ultrafast recovery diode
STTH10002TV1 STMICROELECTRONICS-STTH10002TV1 Datasheet
112Kb / 8P
   Ultrafast recovery diode
STTH10002TV2 STMICROELECTRONICS-STTH10002TV2 Datasheet
112Kb / 8P
   Ultrafast recovery diode
STTH1002C STMICROELECTRONICS-STTH1002C Datasheet
114Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH1002C-Y STMICROELECTRONICS-STTH1002C-Y Datasheet
122Kb / 10P
   Automotive high efficiency ultrafast diode
More results

Similar Description - STTHR5R06B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com