Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-6510-011 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HEDS-6510-011
Description  Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-6510-011 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HEDS-6510-011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-6510-011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-6510-011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-6510-011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-6510-011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-6510-011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-6510-011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-6510-011 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-6510-011 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
609.6
(24.0 ± 0.5)
18.14
(0.714)
17.27
(0.680)
24.38
(0.960)
55.88
(2.200)
3.3
(0.128)
2.44
(0.096)
2.44
(0.096)
0.254
(0.010)
25.91
(1.020)
ON
∅ 46.0 B.C.
(
∅ 1.811 B.C.)
SLOTTED
DIMENSIONS IN MILLIMETERS AND (INCHES).
Assembled Unit
Base Plate
Top Cover (Housing)
HEDS-65XX #xxx
YYMM
COUNTRY OF ORIGIN
24.9
(0.98)
5.2
(0.21)
30.2
(1.19)
65.9
(2.59)
13.2
(0.52)
55.9
(2.20)
DIMENSIONS IN MILLIMETERS AND (INCHES).
Typical applications include print-
ers, plotters, tape drives, position-
ing tables, and automatic handlers.
Note: Agilent Technologies
encoders are not recommended for
use in safety critical applications.
Eg. ABS braking systems, power
steering, life support systems and
critical care medical equipment.
Please contact sales representative
if more clarification is needed.


Similar Part No. - HEDS-6510-011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-6500 HP-HEDS-6500 Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-6500 AVAGO-HEDS-6500 Datasheet
112Kb / 4P
   Motion Sensing Products, Optical Encoder Modules
HEDS-6500 AVAGO-HEDS-6500 Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS-6540 HP-HEDS-6540 Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-6540 AVAGO-HEDS-6540 Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-6510-011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-65XX AVAGO-HEDL-65XX Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com