Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1117-50Q Datasheet(PDF) 1 Page - AUK corp

Part # S1117-50Q
Description  Adjustable and Fixed LDO Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S1117-50Q Datasheet(HTML) 1 Page - AUK corp

  S1117-50Q Datasheet HTML 1Page - AUK corp S1117-50Q Datasheet HTML 2Page - AUK corp S1117-50Q Datasheet HTML 3Page - AUK corp S1117-50Q Datasheet HTML 4Page - AUK corp S1117-50Q Datasheet HTML 5Page - AUK corp S1117-50Q Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSI-2066-003
1
S1117AQ/S1117-xxQ
Adjustable and Fixed LDO Voltage Regulator
Descriptions
The S1117 series of positive adjustable and fixed regulators are designed to provide 1A
with higher efficiency. All internal circuitry is designed to operate down to 1.3V input to
output differential. On-chip trimming adjusts reference voltage to 2%
Features
• Adjustable or Fixed output
• Output Current of 1A
• Low Dropout, 1.3V maximum at 1A Output Current
• Thermal Shutdown Protection
• Fast Transient Response
Ordering Information
Type NO.
Marking
Package Code
S1117AQ/S1117xxQ
S1117□□Q/S1117□□□Q
SOT-223
□□:Voltage Code (Aj : 1.25V, 15:1.5V,:18: 1.8V, 25:2.5V, 33:3.3V, 50:5.0V)
□□□:Voltage Code (285:2.85V)
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1.
GND/ADJ
2,4. Output voltage
3.
Input voltage
Outline Dimensions (Unit : mm )
BLOCK DIAGRAM


Similar Part No. - S1117-50Q

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-50Q AUK-S1117-50Q Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
More results

Similar Description - S1117-50Q

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
   Adjustable and Fixed Voltage Regulator
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com