Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9160 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9160
Description  Controller for RF Power Amplifier Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9160 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9160 Datasheet HTML 1Page - Vishay Siliconix SI9160 Datasheet HTML 2Page - Vishay Siliconix SI9160 Datasheet HTML 3Page - Vishay Siliconix SI9160 Datasheet HTML 4Page - Vishay Siliconix SI9160 Datasheet HTML 5Page - Vishay Siliconix SI9160 Datasheet HTML 6Page - Vishay Siliconix SI9160 Datasheet HTML 7Page - Vishay Siliconix SI9160 Datasheet HTML 8Page - Vishay Siliconix SI9160 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Si9160
Vishay Siliconix
Document Number: 70029
S-40700—Rev. H, 19-Apr-04
www.vishay.com
3
SPECIFICATIONS
Limits
B Suffix −25 to 85_C
Test Conditions
Unless Otherwise Specifieda
2.7 V v VDD, VS v 6.0 V, GND = PGND
Parameter
Unit
Maxb
Typ
Minb
Test Conditions
Unless Otherwise Specifieda
2.7 V v VDD, VS v 6.0 V, GND = PGND
Symbol
Output Drive (DR and DS)
Output High Voltage
VOH
VDD = 2.7 V
IOUT = −10 mA
5.15
5.2
V
Output Low Voltage
VOL
VDD = 2.7 V
VS = 5.3 V
IOUT = 10 mA
0.06
0.15
V
Peak Source Output Current
ISOURCE
VDD = 2 7 V VS = 5 3 V
−300
−250
mA
Peak Sink Output Current
ISINK
VDD = 2.7 V, VS = 5.3 V
250
300
mA
Break-Before-Make
tBBM
VDD = 6.0 V
40
ns
Logic
ENABLE Delay to Output
tdEN
ENABLE Rising to OUTPUT, VDD = 6.0 V
1.4
ms
ENABLE Logic Low
VENL
0.2 VDD
V
ENABLE Logic High
VENH
0.8 VDD
V
ENABLE Input Current
IEN
ENABLE = 0 to VDD
−1.0
1.0
mA
Duty Cycle
Maximum Duty Cycle
CYCLEMAX
VDD = 6.0 V
80
95
%
DMAX/SS Input Current
IDMAX
DMAX = 0 to VDD
−100
100
nA
Supply
Supply Current Normal Mode
fOSC = 1 MHz
VDD = 2.7 V
1.1
1.5
mA
Supply Current—Normal Mode
IDD
fOSC = 1 MHz
ROSC = 7.0 kW
VDD = 4.5 V
1.6
2.3
mA
Supply Current—Standby Mode
DD
ENABLE = Low
250
330
mA
Notes
a.
CSTRAY < 5 pF on COSC. After Start-Up, VDD of w 3 V.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS OTHERWISE NOTED)
1.485
1.490
1.495
1.500
1.505
1.510
1.515
2
3456
7
1.485
1.490
1.495
1.500
1.505
1.510
1.515
−40
−20
0
20
40
60
80
100
VREF vs. Supply Voltage
VREF vs. Temperature
VDD − Supply Voltage (V)
VREF with 10-mA Load
T − Temperature (_C)
VDD = 2.7 V
VDD = 5.0 V


Similar Part No. - SI9160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9161 VISHAY-SI9161 Datasheet
491Kb / 12P
   Optimized-Efficiency Controller for RF Power Amplifier Boost Converter
Rev. B, 05-Apr-99
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165BQ-T1-E3 VISHAY-SI9165BQ-T1-E3 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165DB VISHAY-SI9165DB Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
More results

Similar Description - SI9160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9161 VISHAY-SI9161 Datasheet
491Kb / 12P
   Optimized-Efficiency Controller for RF Power Amplifier Boost Converter
Rev. B, 05-Apr-99
logo
Richtek Technology Corp...
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
   DC-DC Boost Converter for PWM Controller
December 2021
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
   PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
   PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
Intersil Corporation
X9470 INTERSIL-X9470 Datasheet
381Kb / 24P
   RF Power Amplifier (PA) Bias Controller
logo
Renesas Technology Corp
X9470 RENESAS-X9470 Datasheet
945Kb / 24P
   RF Power Amplifier (PA) Bias Controller
March 8, 2005
logo
Xicor Inc.
X9470 XICOR-X9470 Datasheet
542Kb / 25P
   RF Power Amplifier (PA) Bias Controller
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870_06 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com