Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC75823A Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC75823A
Description  1/3 DUTY GENERAL-PURPOSE LCD DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC75823A Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC75823A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Silan
Semiconductors
SC75823
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.03.04
6
PIN DESCRIPTION
Pin No
Symbol
I/O
Description
1-52
S1 to S52
O
Segment outputs for displaying the display data transferred by serial data
input.
53
COM1
54
COM2
55
COM3
O
Common driver outputs. The frame frequency fO is given by:
fO=(fOSC/384)Hz
61
OSC
I/O
Oscillator connection
An oscillator circuit is formed by connecting an external resistor and
capacitor to this pin.
62
CE
CE: chip enable
63
CL
CL: synchronization clock
64
DI
I
Serial data transfer inputs. These pins are
connected to the control microprocessor.
DI: transfer data
57
INH
I
Display off control input
INH =low (VSS)……Display forced off (S1 to S52, COM1 to COM3=low)
INH =high (VDD)……Display on
note that serial data transfers can be performed when the display is forced
off.
58
VDD1
I
Used for the 2/3 bias voltage when bias voltage are provided externally.
Connect to VDD2 when 1/2 bias is used.
59
VDD2
I
Used for the 1/3 bias voltage when bias voltage are provided externally.
Connect to VDD1 when 1/2 bias is used.
56
VDD
--
Power supply. Provide a voltage of between 4.5 and 6.0V
60
VSS
--
Ground. Connect this pin to the system ground.
FUNCTION DESCRIPTION
Serial data transfer format
1.
When CL is stopped at the low level
CE
CL
DI
CCB address 8 bits
Display data 156 bits
Control data 4 bits
100
0001
0
D1
D2
D3
D154 D155 D156
DR
SC
BU
*
*: don't care
B0
B1
B2
B3
A0
A1
A2
A3


Similar Part No. - SC75823A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC75 BEL-SC75 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
SC75-100 BEL-SC75-100 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
SC75-101 BEL-SC75-101 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
SC75-120 BEL-SC75-120 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
SC75-121 BEL-SC75-121 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
More results

Similar Description - SC75823A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
logo
Princeton Technology Co...
PT6525 PTC-PT6525_10 Datasheet
126Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
PT6523 PTC-PT6523 Datasheet
39Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
PT6525 PTC-PT6525 Datasheet
126Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
logo
Princeton Technology Co...
PT6523 PTC-PT6523_10 Datasheet
743Kb / 23P
   1/3 Duty General Purpose LCD Driver IC
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75847T SANYO-LC75847T Datasheet
307Kb / 27P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com