Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC75823A Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC75823A
Description  1/3 DUTY GENERAL-PURPOSE LCD DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC75823A Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC75823A Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC75823A Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Silan
Semiconductors
SC75823
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.03.04
4
(Continued)
Note: * Except the bias voltage generation divider resistors that are built into VDD1 and VDD2.(see figure 1)
Figure 1
V
DD
V
DD1
V
DD2
To the common segment driver
Except these resistors
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VMID3
1/3 bias, COM1 to COM3;
IO=
±100µA
1/3VDD
±1.0
V
VMID4
1/3
bias,
S1
to
S52;
IO=
±20µA
2/3VDD
±1.0
V
Intermediate Level Voltage*
VMID5
1/3
bias,
S1
to
S52;
IO=
±20µA
1/3VDD
±1.0
V
IDD1
Power saving mode
5
µA
IDD2
f=38kHz, 1/2 bias, VDD=5V
400
800
µA
IDD3
f=38kHz, 1/3 bias, VDD=5V
300
600
µA
IDD2
f=38kHz, 1/2 bias, VDD=6V
650
1300
µA
Supply Current
IDD3
f=38kHz, 1/3 bias, VDD=8V
580
1200
µA


Similar Part No. - SC75823A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC75 BEL-SC75 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
SC75-100 BEL-SC75-100 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
SC75-101 BEL-SC75-101 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
SC75-120 BEL-SC75-120 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
SC75-121 BEL-SC75-121 Datasheet
864Kb / 1P
   SMD POWER INDUCTORS Open frame construction.
More results

Similar Description - SC75823A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
logo
Princeton Technology Co...
PT6525 PTC-PT6525_10 Datasheet
126Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
PT6523 PTC-PT6523 Datasheet
39Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
PT6525 PTC-PT6525 Datasheet
126Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
logo
Princeton Technology Co...
PT6523 PTC-PT6523_10 Datasheet
743Kb / 23P
   1/3 Duty General Purpose LCD Driver IC
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75847T SANYO-LC75847T Datasheet
307Kb / 27P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com