Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-215-G7C-BN1P2B-2T Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 15-215-G7C-BN1P2B-2T
Description  1206 Package Chip LED (0.5mm Height)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

15-215-G7C-BN1P2B-2T Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  15-215-G7C-BN1P2B-2T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-215-G7C-BN1P2B-2T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-215-G7C-BN1P2B-2T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-215-G7C-BN1P2B-2T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-215-G7C-BN1P2B-2T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-215-G7C-BN1P2B-2T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-215-G7C-BN1P2B-2T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-215-G7C-BN1P2B-2T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-215-G7C-BN1P2B-2T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 3 of 11
Device No: DSE-0005381
Prepared date: 05-Jul-2011
Prepared by: Ashley Kuo
15-215/G7C-BN1P2B/2T
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Power Dissipation
Pd
60
mW
Electrostatic Discharge(HBM)
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.


Similar Part No. - 15-215-G7C-BN1P2B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-215-G7C-BN1P2B-2T EVERLIGHT-15-215-G7C-BN1P2B-2T Datasheet
166Kb / 11P
   1206 Package Chip LED (0.5mm Height)
15-215-G7C-BN1P2B-2T EVERLIGHT-15-215-G7C-BN1P2B-2T Datasheet
163Kb / 11P
   1206 Package Chip LED (0.5mm Height)
15-215-G7C-BN1P2B-2T EVERLIGHT-15-215-G7C-BN1P2B-2T_11 Datasheet
163Kb / 11P
   1206 Package Chip LED (0.5mm Height)
More results

Similar Description - 15-215-G7C-BN1P2B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-215-G7C-BN1P2B-2T EVERLIGHT-15-215-G7C-BN1P2B-2T Datasheet
166Kb / 11P
   1206 Package Chip LED (0.5mm Height)
15-215-R6C-AM2P1VY-2T EVERLIGHT-15-215-R6C-AM2P1VY-2T Datasheet
220Kb / 11P
   1206 Package Chip LED (0.5mm Height)
15-215-G7C-BN1P2B-2T EVERLIGHT-15-215-G7C-BN1P2B-2T_11 Datasheet
163Kb / 11P
   1206 Package Chip LED (0.5mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-215-R6C-AM2P1VY-2T TO-GRACE-15-215-R6C-AM2P1VY-2T Datasheet
769Kb / 11P
   1206 Package Chip LED (0.5mm Height)
logo
Everlight Electronics C...
15-215-R6C-AP1Q1L-2T EVERLIGHT-15-215-R6C-AP1Q1L-2T Datasheet
176Kb / 11P
   1206 Package Chip LED (0.5mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-215-R6C-AP1Q1L-2T TO-GRACE-15-215-R6C-AP1Q1L-2T Datasheet
850Kb / 11P
   1206 Package Chip LED (0.5mm Height)
logo
Everlight Electronics C...
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-R6C-FQ1R1B-2T EVERLIGHT-15-21-R6C-FQ1R1B-2T Datasheet
137Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-W1D-APQHY-2T EVERLIGHT-15-21-W1D-APQHY-2T Datasheet
156Kb / 11P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-T1D-CP1Q2TY-2T TO-GRACE-15-21-T1D-CP1Q2TY-2T Datasheet
1Mb / 12P
   1206 Package Chip LED (1.0mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com