Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD4325-XX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LSD4325-XX
Description  LED Displays Numeric 7-segment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSD4325-XX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LSD4325-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LSD4325-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LSD4325-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LSD4325-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers LSD4325-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers LSD4325-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers LSD4325-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LED Displays Numeric 7-segment
Single Digit Display 4.0”
21.5
12.8
11.2
6.8
585
Yellow
GaAsP/GaP
LSD40163-XX
43
26
9.6
6
660
Ultra Red
GaAlAs
LSD40166-XX
31
18
9.6
6
660
Super Red
GaAlAs
LSD40165-XX
21.5
12.8
11.2
6.8
635
Hi-Eff Red
GaAsP/GaP
LSD40164-XX
21.5
12.8
11.2
6.8
565
Green
GaP
C.A
LSD40162-XX
21.5
12.8
11.2
6.8
585
Yellow
GaAsP/GaP
LSD40153-XX
43
26
9.6
6
660
Ultra Red
GaAlAs
LSD40156-XX
31
18
9.6
6
660
Super Red
GaAlAs
LSD40155-XX
21.5
12.8
11.2
6.8
635
Hi-Eff Red
GaAsP/GaP
C.C
LSD40154-XX
21.5
12.8
11.2
6.8
565
Green
GaP
LSD40152-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 4.0”
18
10
14
8.5
585
Yellow
GaAsP/GaP
LSD40063-XX
30
18
12
7.5
660
Red
GaAlAs
LSD40065-XX
18
10
14
8.5
635
Hi-Eff Red
GaAsP/GaP
LSD40064-XX
18
10
14
8.5
565
Green
GaP
LSD40062-XX
8
4.8
14
8.5
697
Red
GaP
C.A
LSD40061-XX
18
10
14
8.5
585
Yellow
GaAsP/GaP
LSD40053-XX
30
18
12
7.5
660
Super Red
GaAlAs
LSD40055-XX
18
10
14
8.5
635
Hi-Eff Red
GaAsP/GaP
LSD40054-XX
18
10
14
8.5
565
Green
GaP
C.C
LSD40052-XX
8
4.8
14
8.5
697
Red
GaP
LSD40051-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 5.0”
65
39
28
17
585
Yellow
GaAsP/GaP
LSD50163-XX
170
100
24
15
660
Ultra Red
GaAlAs
LSD50166-XX
85
50
24
15
660
Super Red
GaAlAs
LSD50165-XX
65
39
28
17
635
Hi-Eff Red
GaAsP/GaP
LSD50164-XX
65
39
28
17
565
Green
GaP
C.A.
LSD50162-XX
65
39
28
17
585
Yellow
GaAsP/GaP
LSD50153-XX
170
100
24
15
660
Ultra Red
GaAlAs
LSD50156-XX
85
50
24
15
660
Super Red
GaAlAs
LSD50155-XX
65
39
28
17
635
Hi-Eff Red
GaAsP/GaP
C.C
LSD50154-XX
65
39
28
17
565
Green
GaP
LSD50152-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Displays are supplied bin graded and luminous intensity values may be higher in production.
1
8
1
8
A
B
C
D
E
F
G
DP
A
B
C
D
E
F
G
DP
LSD4015X-XX
LSD4016X-XX
7
6
4
3
2
9
10
5
76
43
29
10
5
LSD401XX-XX
LIGITEK
15.0
(0.59")
10.0MIN(0.39")
2.54X4=
10.16 (0.4")
11
121.7
(4.8")
101.6
(4.0")
107.8
(4.24")
89.8
(3.5")
0.6
TYP.
PIN
NO.1
A
BC
D
EF
GDP
AB
C
D
E
F
G DP
1
8
1
8
LSD4006-XX
7
6
4
3
2
9
10
5
7
6
4
3
2
9
10
5
LSD400XX-XX
LIGITEK
15.0
(0.59")
10.0MIN(0.39")
5.08X4=
20.32 (0.8")
11
121.7
(4.8")
101.6
(4.0")
107.8
(4.24")
89.8
(3.5")
0.6
TYP.
PIN
NO.1
LSD501XX-XX
LIGITEK
15.6
(0.61")
10.0MIN(0.39")
5.08x4=
20.32 (0.8")
9.0
127
(5.0")
180.0
(7.07")
132.0
(5.197")
108.0
(4.252")
0.6
TYP.
PIN
NO.1


Similar Part No. - LSD4325-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-22-XX-PF LIGITEK-LSD401-22-XX-PF Datasheet
148Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX LIGITEK-LSD401-24-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX-RP13-PF LIGITEK-LSD401-24-XX-RP13-PF Datasheet
154Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-PF LIGITEK-LSD401-2EGR-XX-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results

Similar Description - LSD4325-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FND500 ETC2-FND500 Datasheet
67Kb / 2P
   Red GaAsP 0.5-inch 7-Segment Numeric LED Displays
logo
Visual Communications C...
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
   7-Segment LED Numeric Display
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
logo
EPIGAP optoelectronic G...
EDC-660-19-02 EPIGAP-EDC-660-19-02 Datasheet
21Kb / 1P
   7-Segment LED-Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com