Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3G3EV-AB004 Datasheet(PDF) 75 Page - Omron Electronics LLC

Part # 3G3EV-AB004
Description  Compact Low-noise Inverter
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3EV-AB004 Datasheet(HTML) 75 Page - Omron Electronics LLC

Back Button 3G3EV-AB004 Datasheet HTML 71Page - Omron Electronics LLC 3G3EV-AB004 Datasheet HTML 72Page - Omron Electronics LLC 3G3EV-AB004 Datasheet HTML 73Page - Omron Electronics LLC 3G3EV-AB004 Datasheet HTML 74Page - Omron Electronics LLC 3G3EV-AB004 Datasheet HTML 75Page - Omron Electronics LLC 3G3EV-AB004 Datasheet HTML 76Page - Omron Electronics LLC 3G3EV-AB004 Datasheet HTML 77Page - Omron Electronics LLC 3G3EV-AB004 Datasheet HTML 78Page - Omron Electronics LLC 3G3EV-AB004 Datasheet HTML 79Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
6-3
Three
h
Model 3G3EV-
---
A4002(-
j) A4004(-j) A4007(-j) A4015(-j)
phase,
400 VAC
Power
supply
Rated voltage
and frequency
Three-phase, 380 to 460 VAC, 50/60 Hz
pp y
Allowable
voltage
fluctuation
–15% to 10 %
Allowable
frequency
fluctuation
±5%
Heating value (W)
---
25.5
34.7
56.0
78.5
Weight (kg)
---
1.0
1.0
1.5
2.0
Maximum applicable motor capacity
(kW)
---
0.2 (0.37)
0.4 (0.55)
0.75 (1.1)
1.5 (1.5)
Output
specifi-
Rated output capacity
(kVA)
---
0.9
1.4
2.6
3.7
p
cations
Rated output current (A)
---
1.2
1.8
3.4
4.8
Rated output voltage
Three-phase, 380 to 460 VAC
(Corresponds to the input voltage)
Maximum output
frequency
400 Hz (Parameter setting)
Cooling method
Self-cooling
H General Specifications
Installation type
Panel mounting
Installation site
Indoor (free from corrosive gases and dust)
Ambient temperature for
operation
–10
° to 50°C
Humidity
90% or less (no-condensing)
Ambient temperature for storage –20
° to 60°C
Altitude
1,000 m max.
Vibration resistance
Less than 20 Hz: 1G {9.8 m/s2} or less
20 to 50 Hz:
0.2G {1.96 m/s2} or less
Cable length between Inverter
and motor
100 m max.
Specifications
Chapter 6


Similar Part No. - 3G3EV-AB004

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3G3EV-AB004-CUE OMRON-3G3EV-AB004-CUE Datasheet
373Kb / 51P
   EC Directives Models)
3G3EV-AB004M-CUE OMRON-3G3EV-AB004M-CUE Datasheet
373Kb / 51P
   EC Directives Models)
More results

Similar Description - 3G3EV-AB004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Sharp Corporation
LT023PS SHARP-LT023PS Datasheet
50Kb / 1P
   COMPACT ( DIAMETER 5.6mm ), LOW NOISE S/N : 80dB
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
logo
Bellnix Co.,Ltd.
BLC05 BELLNIX-BLC05 Datasheet
568Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLA12 BELLNIX-BLA12 Datasheet
427Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLC12 BELLNIX-BLC12 Datasheet
484Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
logo
List of Unclassifed Man...
PV3000HF ETC2-PV3000HF Datasheet
515Kb / 5P
   PowerVerter짰 3000W Compact Inverter with 4 Outlets
PV1000HF ETC2-PV1000HF Datasheet
532Kb / 4P
   PowerVerter짰 1000W Compact Inverter with 4 Outlets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com