Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS1585AEP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1585AEP
Description  Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1585AEP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS1585AEP Datasheet HTML 1Page - National Semiconductor (TI) LMS1585AEP Datasheet HTML 2Page - National Semiconductor (TI) LMS1585AEP Datasheet HTML 3Page - National Semiconductor (TI) LMS1585AEP Datasheet HTML 4Page - National Semiconductor (TI) LMS1585AEP Datasheet HTML 5Page - National Semiconductor (TI) LMS1585AEP Datasheet HTML 6Page - National Semiconductor (TI) LMS1585AEP Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LMS1585AEP/LMS1587EP
Enhanced Plastic 5A and 3A Low Dropout Fast
Response Regulators
General Description
The LMS1585AEP and LMS1587EP are low dropout posi-
tive regulators with output load current of 5A and 3A respec-
tively. Their low dropout voltage (1.2V) and fast transient
response make them an excellent solution for low voltage
microprocessor applications.
The LMS1585AEP/87EP are available in adjustable ver-
sions, which can set the output voltage with only two external
resistors. In addition, they are also available in 1.5V and
3.3V fixed voltage versions (Note 12).
The LMS1585AEP/87EP circuits include a zener trimmed
bandgap reference, current limiting and thermal shutdown.
The LMS1585AEP/87EP series are available in TO-220 and
TO-263 packages.
ENHANCED PLASTIC
Extended Temperature Performance of −40˚C to 125˚C
Baseline Control - Single Fab & Assembly Site
Process Change Notification (PCN)
Qualification & Reliability Data
Solder (PbSn) Lead Finish is standard
Enhanced Diminishing Manufacturing Sources (DMS)
Support
Features
n
Fast transient response
n
Available in Adjustable, 1.5V, and 3.3V versions
n
Current limiting and thermal protection
n
Line regulation
0.005% (typical)
n
Load regulation
0.05% (typical)
Applications
n
Low voltage logic supplies
n
Selected Military Applications
n
Selected Avionics Applications
Ordering Information
PART NUMBER
VID PART NUMBER
NS PACKAGE NUMBER (Note 3)
LMS1585AIS33EP
V62/04639-01
TS3B
LMS1585AISADJEP
V62/04639-02
TS3B
LMS1587ISXADJEP
V62/04639-03
TS3B
(Notes 1, 2)
TBD
TBD
Note 1: For the following (Enhanced Plastic) version, check for availability: LMS1585ACT3.3EP, LMS1585ACTADJEP, LMS1585AIT1.5EP,
LMS1585AIT3.3EP, LMS1585AITADJEP, LMS1585ACS1.5EP, LMS1585ACS3.3EP, LMS1585ACSADJEP, LMS1585AIS1.5EP, LMS1585ACSX33EP,
LMS1585CSXADJEP, LMS1585AISX15EP, LMS1585AISX33EP, LMS1585ASXADJEP, LMS1587CT1.5EP, LMS1587CT3.3EP, LMS1587CTADJEP,
LMS1587IT1.5EP, LMS1587IT3.3EP, LMS1587ITADJEP, LMS1587CS1.5EP, LMS1587CS3.3EP, LMS1587CSADJEP, LMS1587IS1.5EP, LMS1587IS3.3EP,
LMS1587ISADJEP, LMS1587CSX3.3EP, LMS1587CSXADJEP, LMS1587ISX1.5EP, LMS1587ISX3.3EP. Parts listed with an "X" are provided in Tape &
Reel and parts without an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/
mil
Note 3: Refer to package details under Physical Dimensions
June 2004
© 2004 National Semiconductor Corporation
DS200998
www.national.com


Similar Part No. - LMS1585AEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585A TI1-LMS1585A Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585ACS-1.5 NSC-LMS1585ACS-1.5 Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1585AEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com