Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU420A Datasheet(PDF) 8 Page - International Rectifier

Part # IRFU420A
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU420A Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFU420A Datasheet HTML 2Page - International Rectifier IRFU420A Datasheet HTML 3Page - International Rectifier IRFU420A Datasheet HTML 4Page - International Rectifier IRFU420A Datasheet HTML 5Page - International Rectifier IRFU420A Datasheet HTML 6Page - International Rectifier IRFU420A Datasheet HTML 7Page - International Rectifier IRFU420A Datasheet HTML 8Page - International Rectifier IRFU420A Datasheet HTML 9Page - International Rectifier IRFU420A Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFR420A/IRFU420A
8
www.irf.com
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
6.73 (.265 )
6.35 (.250 )
- A -
4
1
2
3
6.2 2 (.2 45)
5.9 7 (.2 35)
- B -
3X
0.89 (.035 )
0.64 (.025 )
0.25 (.01 0)
M
A M B
4 .57 (.18 0)
2.28 (.09 0)
2X
1.1 4 (.0 45)
0.7 6 (.0 30)
1.52 ( .0 6 0 )
1.15 ( .0 4 5 )
1.02 (.04 0)
1.64 (.02 5)
5 .46 (.215 )
5 .21 (.205 )
1.27 (.050 )
0.88 (.035 )
2.38 (.09 4)
2.19 (.08 6)
1.14 (.045)
0.89 (.035)
0.58 (.02 3)
0.46 (.01 8)
6.4 5 (.2 45)
5.6 8 (.2 24)
0 .51 (.02 0)
M IN .
0.58 ( .02 3 )
0.46 ( .01 8 )
L E A D AS SIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
10 .42 (.4 1 0 )
9.40 (.37 0)
N O T ES:
1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5 M , 1 982 .
2 C O NT RO L L IN G DIM E N S IO N : INCH.
3 C O N F O R M S T O J E D E C O U T L IN E T O - 2 5 2 A A .
4 D IM E NS IO N S S H O W N A R E B E F O RE S O L D E R DIP ,
S O LD E R D IP M A X. + 0 .16 (.0 06).
IRFU120
916A
LOT CODE
ASSEMBLY
EXAMPLE:
WITH ASSEMBLY
T HIS IS AN IRFR120
YEAR 9 = 1999
DAT E CODE
LINE A
WEEK 16
IN T HE AS S EMBLY LINE "A"
AS S EMBLED ON WW 16, 1999
LOT CODE 1234
PART NUMBER
INT ERNAT IONAL
LOGO
RECT IFIER
34
12


Similar Part No. - IRFU420A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFU420A VISHAY-IRFU420A Datasheet
167Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFU420A KERSEMI-IRFU420A Datasheet
2Mb / 7P
   Power MOSFET
IRFU420A KERSEMI-IRFU420A Datasheet
2Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFU420A ISC-IRFU420A Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFU420A VISHAY-IRFU420A Datasheet
267Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFU420A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com