Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRT400150 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part No. MBRT400150
Description  Silicon Power Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRT400150 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRT400150 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRT400150 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRT400150 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 150 V - 200 V
IF(AV) = 400 A
Features
• High Surge Capability
Three Tower Package
• Isolation Type Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
MBRT400150(R)
Unit
Repetitive peak reverse voltage
VRRM
150
V
RMS reverse voltage
VRMS
106
V
DC blocking voltage
VDC
150
V
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
MBRT400150(R)
Unit
Average forward current (per
pkg)
IF(AV)
400
A
Maximum instantaneous forward
voltage (per leg)
0.88
1
10
50
Thermal characteristics
Thermal resistance, junction-
case (per leg)
RΘJC
0.35
°C/W
A
Tj = 100 °C
10
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
Silicon Power
Schottky Diode
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
mA
V
MBRT400150 thru MBRT400200R
Tj = 25 °C
IFM = 200 A, Tj = 25 °C
Conditions
200
141
MBRT400200(R)
-55 to 150
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
• Types from 150 V to 200 V V
RRM
TC = 125 °C
MBRT400200(R)
0.35
Tj = 150 °C
0.92
50
400
3000
3000
-55 to 150
Conditions
200
1
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/mbrt400150.pdf


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn