Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES51930 Datasheet(PDF) 4 Page - Cyrustek corporation

Part No. ES51930
Description  10kHz LCR analog front
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51930 Datasheet(HTML) 4 Page - Cyrustek corporation

  ES51930 Datasheet HTML 1Page - Cyrustek corporation ES51930 Datasheet HTML 2Page - Cyrustek corporation ES51930 Datasheet HTML 3Page - Cyrustek corporation ES51930 Datasheet HTML 4Page - Cyrustek corporation ES51930 Datasheet HTML 5Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ver 2.1
14/10/23
4
ES51930
LCR/DMM analog front
Q = B / G = Rp / | Xp | = Rp / 2πf Lp = 2πf Cp Rp
Actually, Rs and Rp are existed in the equivalent circuit of capacitor or inductor. If
the capacitor is small, Rp is more important than Rs. If capacitor is large, the Rs is also
more important. Therefore, use parallel mode to measure lower value capacitor and use
series mode to measure higher value capacitor. For inductor, the impedance relationship
is different from capacitor. If the inductor is small, Rp is almost no effect. If inductor is
large, the Rs is also no effect. Therefore, use series mode to measure lower value
inductor and use parallel mode to measure higher value inductor.
1.3 Scale range configuration
LCR mode
Function mode
Frequency
Meas. Range
Min. resolution
Inductance
Ls/Lp
100/120Hz
60.00mH~200.0H
0.01mH
1kHz
6000uH~60.00H
1uH
10kHz
600.0uH~6.000H
0.1uH
Capacitance
Cs/Cp
100/120Hz
60.00nF~10.00mF
0.01nF
1kHz
6.000nF~600.0uF
1pF
10kHz
600.0pF~60.00uF
0.1pF
Resistance
Rs/Rp
100/120Hz
60.00Ω~20.00MΩ
0.01Ω
1kHz
60.00Ω~20.00MΩ
0.01Ω
10kHz
60.00Ω~20.00MΩ
0.01Ω
DC resistance
N/A
600.0Ω~40.00MΩ
0.1Ω
DMM mode
Function mode
Meas. Range
Min. resolution
DCV
600.0mV~20.00V
0.1mV
Frequency
6.000kHz~15.00MHz
1Hz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn