Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES252 Datasheet(PDF) 18 Page - Cyrustek corporation

Part # ES252
Description  2000 Counts DMM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES252 Datasheet(HTML) 18 Page - Cyrustek corporation

Back Button ES252 Datasheet HTML 14Page - Cyrustek corporation ES252 Datasheet HTML 15Page - Cyrustek corporation ES252 Datasheet HTML 16Page - Cyrustek corporation ES252 Datasheet HTML 17Page - Cyrustek corporation ES252 Datasheet HTML 18Page - Cyrustek corporation ES252 Datasheet HTML 19Page - Cyrustek corporation ES252 Datasheet HTML 20Page - Cyrustek corporation ES252 Datasheet HTML 21Page - Cyrustek corporation ES252 Datasheet HTML 22Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
V 1.5
18
2016/04/27
ES252
2000 Counts DMM
2. Measurement Mode Switching
Measurement mode depends on the logic level of SLACDC, FC1, FC2, FC3, FC4, FC5 and KEY
selection. When FC5 is high, the measurement mode list is shown below:
SLACDC
FC1
FC2
FC3
FC4
Mode
KEY selection
0
1
0
1
1
DC Voltage Measurement
DCV
↔ ACV
0
1
1
0
1
23
Auto DC Current Measurement(µA)
DCA
↔ ACA
0
1
1
1
1
23
Auto DC Current Measurement(mA)
DCA
↔ ACA
0
0
0
0
0
23
Auto DC Current Measurement(A)
DCA
↔ ACA
0
1
1
1
0
Resistance Measurement
Ω  Continuity  Diode  Cap
0
1
1
0
0
3Manual DC 2.000A
DCA
↔ ACA
0
1
0
0
0
3Manual DC 20.00A
DCA
↔ ACA
0
1
0
1
0
3Manual DC 200.0A
DCA
↔ ACA
0
1
0
0
1
3Manual DC 2000A
DCA
↔ ACA
0
0
0
1
1
Resistance Measurement
Ω ↔ Continuity
0
0
0
0
1
Continuity Check
Continuity
↔ Diode
0
0
1
1
1
Resistance Measurement
Ω Continuity  Diode
0
0
0
1
0
Frequency Measurement
----
0
0
1
1
0
Capacitance Measurement
----
0
0
1
0
0
Auto Temperature Measurement
℃ ↔ ℉
0
0
1
0
1
DCmV
DCmV
↔ ACmV
1
1
0
1
1
AC Voltage Measurement
ACV
↔ DCV
1
1
1
0
1
23
Auto AC Current Measurement(µA)
ACA
↔ DCA
1
1
1
1
1
23
Auto AC Current Measurement(mA)
ACA
↔ DCA
1
0
0
0
0
23
Auto AC Current Measurement(A)
ACA
↔ DCA
1
1
1
1
0
EF mode
----
1
1
1
0
0
3Manual AC 2.000A
ACA
↔ DCA
1
1
0
0
0
3Manual AC 20.00A
ACA
↔ DCA
1
1
0
1
0
3Manual AC 200.0A
ACA
↔ DCA
1
1
0
0
1
3Manual AC 2000A
ACA
↔ DCA
1
0
0
1
1
1
ADP0 ( 2000 )
----
1
0
0
0
1
1
ADP1 ( 200.0 )
----
1
0
1
1
1
1
ADP2 ( 20.00 )
----
1
0
0
1
0
1
ADP3 ( 2.000 )
----
1
0
1
1
0
Scan ACV/DCV
SCAN DCV ACV SCAN
1
0
1
0
0
Auto Temperature Measurement
↔℃
1
0
1
0
1
ACmV
ACmV
↔ DCmV
Note:
1. When FC5 is high, the ADP0, ADP1, ADP2 and ADP3 modes can display minus sign.
2. These modes could be designed for multimeter current modes, please refer to section 1.3.
3. These modes could be designed for clampmeter current modes, please refer to section 1.4.
.


Similar Part No. - ES252

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
ES25 SENSATA-ES25 Datasheet
157Kb / 4P
   Environmentally Sealed Incremental Encoder
logo
Cyrustek corporation
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
logo
List of Unclassifed Man...
ES2510A ETC-ES2510A Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
logo
Power-One
ES2540-7R POWER-ONE-ES2540-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Mean Well Enterprises C...
ES25A MEANWELL-ES25A Datasheet
167Kb / 2P
   20~25WAC-DC Single Output Desktop
More results

Similar Description - ES252

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES218 CYRUSTEK-ES218 Datasheet
645Kb / 26P
   2000 Counts Manual DMM
ES219 CYRUSTEK-ES219 Datasheet
636Kb / 24P
   2000 Counts DMM Easy
logo
HYCON Technology Corpor...
HY12P62 HYCON-HY12P62 Datasheet
781Kb / 26P
   2000 Counts DMM Specialized IC
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com