Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-460X Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDSP-460X
Description  7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-460X Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-460X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-460X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-460X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-460X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-460X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-460X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-460X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-460X Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Internal Circuit Diagram
Absolute Maximum Ratings
Red
AlGaAs Red
HER
Yellow
Green
5082-7700
HDSP-E150
5082-7610/
5082-7620/
HDSP-3600/
Description
Series
Series
7650 Series
7660 Series
4600 Series
Units
Average Power per Segment or DP
82
96
105
80
105
mW
Peak Forward Current per
150[1]
160[3]
90[5]
60[7]
90[9]
mA
Segment or DP
DC Forward Current per
25[2]
40[4]
30[6]
20[8]
3010]
mA
Segment or DP
Operating Temperature Range
-40 to +100
-20 to +100[11]
-40 to +100
°C
Storage Temperature Range
-55 to +100
°C
Reverse Voltage per
3.0
V
Segment or DP
Lead Solder Temperature for 3
Seconds (1.59 mm [0.063 in.]
260
°C
below seating plane
Notes:
1. See Figure 1 to establish pulsed conditions.
2. Derate above 80
°C at 0.63 mA/°C.
3. See Figure 2 to establish pulsed conditions.
4. Derate above 46
°C at 0.54 mA/°C.
5. See Figure 7 to establish pulsed conditions.
6. Derate above 53
°C at 0.45 mA/°C.
7. See Figure 8 to establish pulsed conditions.
8. Derate above 81
°C at 0.52 mA/°C.
9. See Figure 9 to establish pulsed conditions.
10. Derate above 39
°C at 0.37 mA/°C.
11. For operation below -20
°C, contact your local Agilent components sales office or an authorized distributor.


Similar Part No. - HDSP-460X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-460X HP-HDSP-460X Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results

Similar Description - HDSP-460X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
QT Optoelectronics
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Fairchild Semiconductor
5082-7760 FAIRCHILD-5082-7760 Datasheet
551Kb / 6P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com