Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-7663 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 5082-7663
Description  7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-7663 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  5082-7663 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-7663 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-7663 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-7663 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-7663 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-7663 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-7663 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-7663 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Device
Test
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
5082-773X
Luminous Intensity/Segment[1,2]
360
770
µcd
IF = 20 mA
5082-774X
(Digit Average)
IV
5082-775X
360
1100
µcd
IF = 20 mA
5082-776X
Forward Voltage/Segment or DP
VF
1.6
2.0
V
IF = 20 mA
Peak Wavelength
λ
PEAK
655
nm
Dominant Wavelength[3]
λd
640
nm
All
Reverse Voltage/Segment or DP[4]
VR
3.0
12
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED
R
θ
J-PIN
280
°C/W/Seg
Junction-to-Pin
Electrical/Optical Characteristics at TA = 25°C
Red
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2, 5]
IV
8.5
15.0
mcd
IF = 20 mA
(Digit Average)
1.8
V
IF = 20 mA
Forward Voltage/Segment or DP
VF
2.0
3.0
V
IF = 100 mA
HDSP-
E15X
Peak Wavelength
λ
PEAK
645
nm
Dominant Wavelength[3]
λ
d
637
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
15
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θJ-PIN
340
°C/W/Seg
to-Pin
AlGaAs Red


Similar Part No. - 5082-7663

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-766X HP-5082-766X Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results

Similar Description - 5082-7663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
QT Optoelectronics
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Fairchild Semiconductor
5082-7760 FAIRCHILD-5082-7760 Datasheet
551Kb / 6P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com