Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADSP-TS202S Datasheet(PDF) 1 Page - Analog Devices

Part No. ADSP-TS202S
Description  TigerSHARC Embedded Processor
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSP-TS202S Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Preliminary Technical Data
TigerSHARC and the TigerSHARC logo are registered trademarks of Analog Devices, Inc.
TigerSHARC®
Embedded Processor
ADSP-TS202S
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel:781/329-4700
www.analog.com
Fax:781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
KEY FEATURES
500 MHz, 2.0 ns Instruction Cycle Rate
12M Bits of Internal—On-Chip—DRAM Memory
25×25 mm (576-Ball) Thermally Enhanced Ball Grid Array
Package
Dual Computation Blocks—Each Containing an ALU, a Multi-
plier, a Shifter, and a Register File
Dual Integer ALUs, providing Data Addressing and Pointer
Manipulation
Integrated I/O Includes 14 Channel DMA Controller, External
Port, Four Link Ports, SDRAM Controller, Programmable
Flag Pins, Two Timers, and Timer Expired Pin for System
Integration
1149.1 IEEE Compliant JTAG Test Access Port for On-Chip
Emulation
On-Chip Arbitration for Glueless Multiprocessing
KEY BENEFITS
Provides High-Performance Static Superscalar DSP Opera-
tions, Optimized for Large, Demanding Multiprocessor
DSP Applications
Performs Exceptionally Well on DSP Algorithm and I/O
Benchmarks (See Benchmarks in Table 1)
Supports Low-Overhead DMA Transfers Between Internal
Memory, External Memory, Memory-Mapped Peripherals,
Link Ports, Host Processors, and Other (Multiprocessor)
DSPs
Eases DSP Programming Through Extremely Flexible Instruc-
tion Set and High-Level-Language Friendly DSP
Architecture
Enables Scalable Multiprocessing Systems With Low Commu-
nications Overhead
Figure 1. Functional block diagram
T
L0
8
4
8
4
8
4
8
4
8
4
8
4
8
4
8
4
IN
OUT
HOST
MULTI
PROC
C-BUS
ARB
DATA
64
LINK PORTS
JTAG PORT
EXTERNAL
PORT
ADDR
32
6
SOC BUS
DMA
JTAG
SDRAM
CTRL
EXT DMA
REQ
J-BUS DATA
IAB
PC
BTB
ADDR
FETCH
PROGRAM
SEQUENCER
COMPUTATIONAL BLOCKS
J-BUS ADDR
K-BUS DATA
K-BUS ADDR
I-BUS DATA
I-BUS ADDR
S-BUS DATA
S-BUS ADDR
INTEGER
KALU
INTEGER
JALU
32
32
32X32
32X32
DATA ADDRESS GENERATION
X
REGISTER
FILE
32x32
DAB
128
128
DAB
128
128
MEMORY BLOCKS
A
D
12M BITS INTERNAL MEMORY
4xCROSSBAR CONNECT
(PAGE CACHE)
A
D
A
D
A
D
Y
REGISTER
FILE
32x32
L1
IN
OUT
L2
IN
OUT
L3
IN
OUT
CTRL
8
CTRL
10
32
128
32
128
32
128
32
128
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn