Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5545 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5545 Datasheet HTML 1Page - Texas Instruments ADS5545 Datasheet HTML 2Page - Texas Instruments ADS5545 Datasheet HTML 3Page - Texas Instruments ADS5545 Datasheet HTML 4Page - Texas Instruments ADS5545 Datasheet HTML 5Page - Texas Instruments ADS5545 Datasheet HTML 6Page - Texas Instruments ADS5545 Datasheet HTML 7Page - Texas Instruments ADS5545 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
ADS5545
SLWS180 – SEPTEMBER 2005
PACKAG/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
ORDERING
TRANSPORT
PACKAGE-
PACKAGE
PRODUCT
TEMPERATURE
MARKING
NUMBER
MEDIA,
LEAD
DESIGNATOR
RANGE
QUANTITY
ADS5545
48-QFN
RGZ
–40
°C to 85°C
ADS5545IRGZ
(1)
θ
JA = TBD, θJC = TBD
VALUE
UNIT
AVDD
Supply voltage range
–0.3 V to 3.9
V
DRVDD Supply voltage range
–0.3 V to 3.9
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage between AVDD to DRVDD
–0.3 to 3.3
V
CM
Voltage applied to external pin
–0.3 to 2
V
Voltage applied to analog input pins
–0.3 V to minimum (3.6, AVDD + 0.3 V )
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65
 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
220
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
SUPPLIES AND REFERENCES
AVDD
Analog supply voltage
3
3.3
3.6
V
DRVDD
Digital supply voltage
3
3.3
3.6
V
CLOCK INPUT
Input clock sample rate
1
170
MSPS
Input clock amplitude, differential
Vpp
Input clock duty cycle
50%
Operating free-air temperature
–40
85
°C
Typical values at 25
°C, min, max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD = DRVDD
= 3.3 V, sampling rate = 170 MSPS, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, LVDS
data output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Resolution
14
bits
No missing codes
Assured
DNL
Differential non-linearity
–0.9
0.5
TBD
LSB
INL
Integral non-linearity
±3
LSB
Offset error
±10
mV
Offset temperature coefficient
TBD
ppm/
°C
Gain error
±1
%FS
Gain temperature coefficient
TBD
∆/°C
2


Similar Part No. - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
ADS5545 TI1-ADS5545 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545IRGZT TI1-ADS5545IRGZT Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com