Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VXR15-2812SM Datasheet(PDF) 11 Page - VPT, Inc.

Part No. VXR15-2812SM
Description  HIGH RELIABILITY COTS DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VPT [VPT, Inc.]
Homepage  https://www.vptpower.com/
Logo VPT - VPT, Inc.

VXR15-2812SM Datasheet(HTML) 11 Page - VPT, Inc.

Back Button VXR15-2812SM Datasheet HTML 4Page - VPT, Inc. VXR15-2812SM Datasheet HTML 5Page - VPT, Inc. VXR15-2812SM Datasheet HTML 6Page - VPT, Inc. VXR15-2812SM Datasheet HTML 7Page - VPT, Inc. VXR15-2812SM Datasheet HTML 8Page - VPT, Inc. VXR15-2812SM Datasheet HTML 9Page - VPT, Inc. VXR15-2812SM Datasheet HTML 10Page - VPT, Inc. VXR15-2812SM Datasheet HTML 11Page - VPT, Inc. VXR15-2812SM Datasheet HTML 12Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
VXR15-2800S SERIES DATASHEET
6.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
11
7.0 ENVIRONMENTAL SCREENING
Test
Condition
Internal Visual
IPC-A-610, Class 3
Stabilization Bake
MIL-STD-883, Method 1008, Condition B, 125 °C, 24 hours
Temperature Cycling
MIL-STD-883, Method 1010, Condition B, -55 °C to +125 °C, 10 Cycles
Burn In
96 hours at +105 °C
Final Electrical
100% at 25 °C
External Visual
Internal Procedure
8.0 ORDERING INFORMATION
VXR15-
28
05
S
M
1
2
3
4
5
(1)
Product
Series
(2)
Nominal Input
Voltage
(3)
Output Voltage
(4)
Number of
Outputs
(5)
Package Option
VXR15-
28
28 Volts
3R3
05
12
15
3.3 Volts
05 Volts
12 Volts
15 Volts
S
Single
(None)
M
Standard Package Option
Optional Package with Mounting Holes
Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional
environmental screening and testing, different input voltage, output voltage, power requirements, and source inspection.
9.0 CONTACT INFORMATION
To request a quotation or place orders please contact your sales representative or the VPT, Inc. Sales Department at:
Phone:
(425) 353-3010
Fax:
(425) 353-4030
E-mail:
vptsales@vptpower.com
All information contained in this datasheet is believed to be accurate, however, no responsibility is assumed for possible er rors or
omissions. The products or specifications contained herein are subject to change without notice. VPT, its logo and tagline are
registered trademarks in the U.S. Patent and Trademark Office.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn