Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VXR15-2812SM Datasheet(PDF) 1 Page - VPT, Inc.

Part No. VXR15-2812SM
Description  HIGH RELIABILITY COTS DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VPT [VPT, Inc.]
Homepage  https://www.vptpower.com/
Logo VPT - VPT, Inc.

VXR15-2812SM Datasheet(HTML) 1 Page - VPT, Inc.

  VXR15-2812SM Datasheet HTML 1Page - VPT, Inc. VXR15-2812SM Datasheet HTML 2Page - VPT, Inc. VXR15-2812SM Datasheet HTML 3Page - VPT, Inc. VXR15-2812SM Datasheet HTML 4Page - VPT, Inc. VXR15-2812SM Datasheet HTML 5Page - VPT, Inc. VXR15-2812SM Datasheet HTML 6Page - VPT, Inc. VXR15-2812SM Datasheet HTML 7Page - VPT, Inc. VXR15-2812SM Datasheet HTML 8Page - VPT, Inc. VXR15-2812SM Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
6.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
1
VXR15-2800S SERIES
HIGH RELIABILITY COTS DC-DC CONVERTERS
Models Available
Input: 9 V to 60 V continuous, 6 V to 100 V transient
15 W, single output of 3.3 V, 5 V, 12 V, 15 V
-55 °C to 105 °C Operation
1.0 DESCRIPTION
The VXR series of isolated DC-DC converters is the latest and
most advanced offering in VPT’s extensive line of high
reliability COTS products. Building on a proven design heritage,
the VXR series features high efficiency, an ultra-wide input
voltage range, and next-generation packaging. Providing a
wide 9 V to 60 V input, along with VPT’s standard full feature
set and industry-leading performance, the VXR family is
optimized for a broad range of applications from military
ground vehicles to commercial and military aircraft.
The VXR15 utilizes a low noise, fixed frequency, wide input
voltage range topology with extended high and low input
transient capability to simplify overall power system design
and compliance. Precision controlled synchronous rectification
achieves high efficiency over a wide input range, reducing
power dissipation and minimizing external heatsink
requirements. A proprietary control loop design provides fast
transient response without the use of optoisolators.
The VXR Series patent-pending epoxy-encapsulated
V-SHIELD® packaging is highly resistant to chemical, solvent
and salt environments and is fully compatible with high
volume manufacturing processes including wave solder,
cleaning solvents, high pressure sprays and aqueous wash
processes. A unique integral six-sided metalized shield
improves system EMI compatibility. Dual sided conduction
cooling coupled with reduced power dissipation simplifies
system thermal design.
The VXR series is intended for harsh environments including
severe vibration, shock and temperature cycling. Testing is to
JESD22, MIL-STD-810, and MIL-STD-883.
1.1 FEATURES
 Wide input voltage range: 9 V to 60 V
 6 V to 80 V transient for 1 second, 100 V for 200 milliseconds
 High Efficiency up to 87%
 Rugged Epoxy Encapsulated V-SHIELD® Package
 Fully compatible with aqueous cleaning processes
 Integral Six-sided Metalized EMI shield
 Dual-Sided Thermal Conduction
 2000 V Isolation
 Fixed frequency
 Low noise
 Output Voltage Trim (+10% / -20%)
 Output Current Limit Protection
 Short Circuit Protection
1.2 COMPLIANCE
 MIL-STD-1275 A-E
 RTCA / DO-160-Section 16
 MIL-STD-704 A-F
 MIL-STD-461 C-F when used with an appropriate
VXR EMI filter
 RTCA / DO-160-section 18 and 21 when used with an
appropriate VXR EMI filter
1.3 PACKAGING
Low-profile:1.410” x 1.170” x 0.350”
Optional package with mountingholes available
Max weight:Standard 30 g / Optional 40 g
1.4 SIMILAR PRODUCTS AND ACCESSORIES
 DVHF 20 W single outputMilitary Qualified DC-DCConverter
 VPT15 15 W single output metal package COTS DC-DC Converter
 EMI filters, Thermal Pads, Front-End Modules and Accessories


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn