Electronic Components Datasheet Search |
|
VXR15-2812SM Datasheet(PDF) 4 Page - VPT, Inc. |
|
VXR15-2812SM Datasheet(HTML) 4 Page - VPT, Inc. |
4 / 12 page VXR15-2800S SERIES DATASHEET 6.0 SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com 4 3.2 PERFORMANCE SPECIFICATIONS (CONTINUED) Tcase = -55 °C to +105 °C, Vin = +28 V ± 5%, Full Load, Unless Otherwise Specified VXR15-2812S VXR15-2815S Parameter Conditions Min Typ Max Min Typ Max Units INPUT Voltage Continuous 9 28 60 9 28 60 V Transient, 1 sec3 6 - 80 6 - 80 V Transient3, 200 ms - - 100 - - 100 V Current INH < 1.5 V - 3 6 - 3 6 mA No Load - 55 100 - 55 100 mA Ripple Current 20 Hz to 10 MHz - 50 80 - 50 80 mApp Undervoltage Lockout Turn-On - - 8.9 - - 8.9 V Turn-Off3 - - 5.9 - - 5.9 V OUTPUT STATIC Voltage +Vout, Tcase = 25 °C 11.82 12 12.18 14.77 15 15.23 V +Vout, Tcase = -55 °C to +105 °C 11.7 12 12.3 14.62 15 15.38 V Power2 0 - 15 0 - 15 W Current2 0 - 1.25 0 - 1 A Ripple Voltage 20 Hz to 10 MHz - 25 50 - 25 50 mVpp Line Regulation VIN = 9 V to 60 V - 1 10 - 1 10 mV Load Regulation No Load to Full Load - 1 10 - 1 10 mV Load Fault Power Dissipation Overload3 - 3 6 - 3 6 W Short Circuit - 3 6 - 3 6 W OUTPUT DYNAMIC Load Step, Half to Full Load Output Transient - 200 400 - 200 400 mVpk Recovery1 - 75 150 - 85 170 µs Line Step3, Vin = 16 V to 40 V Output Transient - 180 300 - 180 300 mVpk Recovery1 - 40 80 - 40 80 µs Turn-On, Vin = 0 to 28 V Delay - 5 10 - 5 10 ms Overshoot - 0 50 - 0 50 mVpk FUNCTION INH Pin Input3 Output Inhibited 0 - 1.5 0 - 1.5 V INH Pin Open Circuit Voltage3 Output Enabled - 2.5 5 - 2.5 5 V Voltage Trim Range -20 - 10 -20 - 10 % GENERAL Efficiency 79 84 - 80 85 - % Capacitive Load3 - - 1000 - - 1000 µF Switching Frequency 450 500 550 450 500 550 kHz Isolation 2000 V DC, Tcase = 25 °C 100 - - 100 - - M Ω Weight Standard Package / Optional Package - - 30 / 40 - - 30 / 40 g MTBF (MIL-HDBK-217F) GM @ Tcase = 55 °C - 1.24 - - 1.24 - MHr 1. Time for output voltage to settle within 1% of steady-state value 2. Derate linearlyto 0 at 115 °C 3. Verified by qualification testing |
Similar Part No. - VXR15-2812SM |
|
Similar Description - VXR15-2812SM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |