Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

VXR15-2812SM Datasheet(PDF) 3 Page - VPT, Inc.

Part No. VXR15-2812SM
Description  HIGH RELIABILITY COTS DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VPT [VPT, Inc.]
Homepage  https://www.vptpower.com/
Logo 

VXR15-2812SM Datasheet(HTML) 3 Page - VPT, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VXR15-2800S SERIES DATASHEET
6.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
3
3.0 SPECIFICATIONS
3.1 ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Input Voltage (Continuous):
60 V
Operating Temperature (Full Load):
-55 °C to + 105 °C
Input Voltage (Transient, 1 second):
80 V
Storage Temperature:
-55 °C to + 125 °C
Input Voltage (Transient, 200 ms):
100 V
Lead Solder Temperature (10 seconds):
300 °C
3.2 PERFORMANCE SPECIFICATIONS
Tcase = -55 °C to +105 °C, Vin = +28 V ± 5%, Full Load, Unless Otherwise Specified
VXR15-283R3S
VXR15-2805S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT
Voltage
Continuous
9
28
60
9
28
60
V
Transient, 1 sec3
6
-
80
6
-
80
V
Transient3, 200 ms
-
-
100
-
-
100
V
Current
INH < 1.5 V
-
3
6
-
3
6
mA
No Load
-
55
90
-
55
90
mA
Ripple Current
20 Hz to 10 MHz
-
40
65
-
40
65
mApp
Undervoltage Lockout
Turn-On
-
-
8.9
-
-
8.9
V
Turn-Off3
-
-
5.9
-
-
5.9
V
OUTPUT STATIC
Voltage
+Vout, Tcase = 25 °C
3.25
3.3
3.35
4.92
5
5.08
V
+Vout, Tcase = -55 °C to +105 °C
3.22
3.3
3.38
4.87
5
5.13
V
Power2
0
-
15
0
-
15
W
Current2
0
-
4.5
0
-
3
A
Ripple Voltage
20 Hz to 10 MHz
-
35
60
-
25
50
mVpp
Line Regulation
VIN = 9 V to 60 V
-
1
10
-
1
10
mV
Load Regulation
No Load to Full Load
-
1
10
-
1
10
mV
Load Fault Power Dissipation
Overload3
-
3
6
-
2.5
6
W
Short Circuit
-
3
6
-
2
6
W
OUTPUT DYNAMIC
Load Step, Half to Full Load
Output Transient
-
150
280
-
120
250
mVpk
Recovery1
-
200
350
-
150
250
µs
Line Step3, Vin = 16 V to 40 V
Output Transient
-
120
250
-
120
250
mVpk
Recovery1
-
60
150
-
40
100
µs
Turn-On, Vin = 0 to 28 V
Delay
-
5
10
-
5
10
ms
Overshoot
-
0
15
-
0
25
mVpk
FUNCTION
INH Pin Input3
Output Inhibited
0
-
1.5
0
-
1.5
V
INH Pin Open Circuit Voltage3
Output Enabled
-
2.5
5
-
2.5
5
V
Voltage Trim Range
-12
-
10
-20
-
10
%
GENERAL
Efficiency
80
84
-
83
86
-
%
Capacitive Load3
-
-
2000
-
-
2000
µF
Switching Frequency
450
500
550
450
500
550
kHz
Isolation
2000 V DC, Tcase = 25 °C
100
-
-
100
-
-
M
Ω
Weight
Standard Package / Optional Package
-
-
30 / 40
-
-
30 / 40
g
MTBF (MIL-HDBK-217F)
GM @ Tcase = 55 °C
-
1.24
-
-
1.24
-
MHr
1. Time for output voltage to settle within 1% of steady-state value
2. Derate linearlyto 0 at 115 °C
3. Verified by qualification testing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn