Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VXR15-2800D Datasheet(PDF) 10 Page - VPT, Inc.

Part No. VXR15-2800D
Description  HIGH RELIABILITY COTS DC-DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VPT [VPT, Inc.]
Homepage  https://www.vptpower.com/
Logo VPT - VPT, Inc.

VXR15-2800D Datasheet(HTML) 10 Page - VPT, Inc.

Back Button VXR15-2800D Datasheet HTML 3Page - VPT, Inc. VXR15-2800D Datasheet HTML 4Page - VPT, Inc. VXR15-2800D Datasheet HTML 5Page - VPT, Inc. VXR15-2800D Datasheet HTML 6Page - VPT, Inc. VXR15-2800D Datasheet HTML 7Page - VPT, Inc. VXR15-2800D Datasheet HTML 8Page - VPT, Inc. VXR15-2800D Datasheet HTML 9Page - VPT, Inc. VXR15-2800D Datasheet HTML 10Page - VPT, Inc. VXR15-2800D Datasheet HTML 11Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
VXR15-2800D SERIES DATASHEET
3.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
10
7.0 ENVIRONMENTAL SCREENING
Test
Condition
Internal Visual
IPC-A-610, Class 3
Stabilization Bake
MIL-STD-883, Method 1008, Condition B, 125 °C, 24 hours
Temperature Cycling
MIL-STD-883, Method 1010, Condition B, -55 °C to +125 °C, 10 Cycles
Burn In
96 hours at +105 °C
Final Electrical
100% at 25 °C
External Visual
Internal Procedure
8.0 ORDERING INFORMATION
This commercially available product series was specifically designed to accommodate factory configurable output voltage
combinations in addition to those defined per the product ordering information table. Please note that in a mixed output voltage
configuration, the lowest output must be located in Output Voltage 1.
VXR15-
28
05
05
D
M
1
2
3
4
5
6
(1)
Product
Series
(2)
Nominal Input
Voltage
(3)
Output Voltage 1
(4)
Output Voltage 2
(5)
Number of
Outputs
(6)
Package Option
VXR15-
28
28 Volts
3R3
05
12
15
3.3 Volts
05 Volts
12 Volts
15 Volts
D
3.3 Volts
05 Volts
12 Volts
15 Volts
D
Dual
(None)
M
Standard Package Option
Optional Package with Mounting Holes
Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional
environmental screening and testing, different input voltage, output voltage, power requirements, and source inspection.
9.0 CONTACT INFORMATION
To request a quotation or place orders please contact your sales representative or the VPT, Inc. Sales Department at:
Phone:
(425) 353-3010
Fax:
(425) 353-4030
E-mail:
vptsales@vptpower.com
All information contained in this datasheet is believed to be accurate, however, no responsibility is assumed for possible errors or
omissions. The products or specifications contained herein are subject to change without notice. VPT, its logo and tagline are
registered trademarks in the U.S. Patent and Trademark Office.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn