Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

VXR15-2800D Datasheet(PDF) 7 Page - VPT, Inc.

Part No. VXR15-2800D
Description  HIGH RELIABILITY COTS DC-DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VPT [VPT, Inc.]
Homepage  https://www.vptpower.com/
Logo 

VXR15-2800D Datasheet(HTML) 7 Page - VPT, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
VXR15-2800D SERIES DATASHEET
3.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
7
5.0 MECHANICAL OUTLINES AND PINOUT (CONTINUED)
Optional Package with Mounting Holes:
1. Tolerances are ±
0.005” unless otherwise stated
2. Case temperature is measured on the center of the baseplate surface
3. Mounting holes are not threaded. Recommended fastener is 4-40
4. Materials: Body (Epoxy with integral metalized EMI shield); Pin (Tellurim Copper, alloy 145, gold over nickel plating)
Pin
Function
Pin
Function
Pin
Function
1
28VIN
4
CASE
7
OUTCOM1
2
INCOM
5
OUTCOM2
8
VOUT1
3
INH
6
VOUT2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn