Electronic Components Datasheet Search |
|
S-817B40AY-X Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-817B40AY-X Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 50 page Rev.3.0_00 SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR S-817 Series Seiko Instruments Inc. 1 The S-817 Series is a 3-terminal positive voltage regulator, developed using CMOS technology. Small ceramic capacitors can be used as the output capacitor, and the S-817 series provides stable operation with low loads down to 1 µA. Compared with the conventional voltage regulator, it is of low current consumption, and with a lineup of the super small package (SNT-4A:1.2 x 1.6mm). It is optimal as a power supply of small portable device. Features • Ultra-low current consumption: Operating current: Typ. 1.2 µA, Max. 2.5 µA • Output voltage: 1.1 to 6.0 V, selectable in 0.1 V steps. • Output voltage accuracy: ±2.0% • Output current: 50 mA capable (3.0 V output product, VIN =5 V) *1 75 mA capable (5.0 V output product, VIN =7 V) *1 • Dropout voltage: Typ. 160 mV (VOUT = 5.0 V, IOUT = 10 mA) • Low ESR capacitor (e.g. A ceramic capacitor of 0.1 µF or more) can be used as an output capacitor. • Short circuit protection for: Series A • Excellent Line Regulation: Stable operation at light load of 1 µA *1. Attention should be paid to the power dissipation of the package when the load is large. Applications • Power source for battery-powered devices • Power source for personal communication devices • Power source for home electric/electronic appliances Packages Package name Drawing code Package Tape Reel Zigzag SNT-4A PF004-A PF004-A PF004-A SC-82AB NP004-A NP004-A NP004-A SOT-23-5 MP005-A MP005-A MP005-A SOT-89-3 UP003-A UP003-A UP003-A TO-92 (Bulk) YS003-B TO-92 (Tape and reel) YF003-A YF003-A YF003-A TO-92 (Tape and ammo) YF003-A YZ003-C YZ003-C |
Similar Part No. - S-817B40AY-X |
|
Similar Description - S-817B40AY-X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |