Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB11 Datasheet(PDF) 23 Page - Eaton All Rights Reserved.

Part # CB11
Description  Single Row Terminal Blocks
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CB11 Datasheet(HTML) 23 Page - Eaton All Rights Reserved.

Back Button CB11 Datasheet HTML 19Page - Eaton All Rights Reserved. CB11 Datasheet HTML 20Page - Eaton All Rights Reserved. CB11 Datasheet HTML 21Page - Eaton All Rights Reserved. CB11 Datasheet HTML 22Page - Eaton All Rights Reserved. CB11 Datasheet HTML 23Page - Eaton All Rights Reserved. CB11 Datasheet HTML 24Page - Eaton All Rights Reserved. CB11 Datasheet HTML 25Page - Eaton All Rights Reserved. CB11 Datasheet HTML 26Page - Eaton All Rights Reserved. CB11 Datasheet HTML 27Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
A & B4
Specifications
Rating: See table.
Center Spacing: 0.562” or 9/16” (14.28mm)
Wire Range: See rating table.
Screw Size: #8-32 or #10-32 zinc-plated slotted screws
Torque Rating: #8 screw size 16 lb-in.
#10 screw size 20 lb-in.
Distance Between Barriers: 0.47” (11.9mm)
Operating Temperature: 105°C (221°F) max., -40°C (-40°F) min.
Molded Material: Black, UL Rated 94V0 Thermoplastic
Hardware: Bottom studs supplied with nuts assembled.
Extended Hex Nuts: Optional extended, slotted hex nuts enable
easier installation and removal with hex wrench or screwdriver.
Available in bulk for the #10-32 studs on A4953 blocks. Specify part
number F582 and quantity.
Breakdown Voltage: 6100V
Agency Information: UL File E62622, CSA File 47235; CE Certified
Dimensions Inches (Millimeters)
MOUNTING ENDS ONLY
Poles
“A”
Mounting Centers
“B”
Dimension Length
02
1.690
2.120
03
2.255
2.685
04
2.820
3.250
05
3.385
3.817
06
3.950
4.382
07
4.515
4.947
08
5.080
5.513
09
5.645
6.078
10
6.212
6.644
11
6.777
7.210
12
7.342
7.775
13
7.908
8.340
14
8.473
8.905
15
9.038
9.470
16
9.605
10.035
Dimensions in inches. To convert to millimeters, multiply by 25.4.
A400303
Reference Panel Cutout for 6 Position Block
Rating Table
Part Number
Terminal Top
Terminal
Bottom
Wire*
Range Cu
Ratings* Volts/
Amps
A4003XX
# 8 Screw
#8 Stud
8-16 AWG
150V/50A
A4011XX
# 8 Screw
Solder
10-16 AWG
600V/35A
A4013XX
# 8 Screw
Solder
10-16 AWG
600V/35A
A4035XX
# 8 Screw
Closed
8-16 AWG
600V/50A
A4041XX
#10 Screw
Solder
10-16 AWG
600V/35A
A4043XX
#10 Screw
Solder
10-16 AWG
600V/35A
A4813XX
#10 Screw
SolderTurret
10-16 AWG
600V/35A
A4843XX
#10 Screw
#8 Screw
8-16 AWG
150V/50A
A4953XX
#10 Stud
#10 Stud
8-16 AWG
150V/50A
B4843XX
#10 Screw
#8 Screw
8-16 AWG
600V/50A
* All models 30A Max. with 10 AWG
35-50A ratings with 8 AWG using ring or fork type terminals.
Note: 50A rating achieved with #8 copper wire crimped to ring terminal.
A4
B4
B484302
Single RowTerminal Blocks


Similar Part No. - CB11

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Fuji Electric
CB112-13 FUJI-CB112-13 Datasheet
92Kb / 2P
   Fast Recovery Diode
logo
Eaton All Rights Reserv...
CB11210203B1 EATON-CB11210203B1 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
CB11210203B2 EATON-CB11210203B2 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
CB11210203B3 EATON-CB11210203B3 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
More results

Similar Description - CB11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
A2000 EATON-A2000 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com