Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBM-1.81.8D Datasheet(PDF) 1 Page - Recom International Power

Part # RBM-1.81.8D
Description  ECONOLINE - DC/DC-CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBM-1.81.8D Datasheet(HTML) 1 Page - Recom International Power

  RBM-1.81.8D Datasheet HTML 1Page - Recom International Power RBM-1.81.8D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EC 22
www.recom-international.com
August 2002
Selection Guide
ECONOLINE - DC/DC-Converter
RBM Series, 1 Watt, SIP6 Micro Size Package (Single & Dual Output)
Part
Input
Output
Output
Number
Voltage
Voltage
Current
SIP6 Micro Size Package
(VDC)
(VDC)
(mA)
RBM-XX1.8S
1.8, 3.3, 5, 9, 12, 15, 24
1.8
555
RBM-XX3.3S
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
RBM-XX05S
1.8, 3.3, 5, 9, 12, 15, 24
5
200
RBM-XX09S
1.8, 3.3, 5, 9, 12, 15, 24
9
111
RBM-XX12S
1.8, 3.3, 5, 9, 12, 15, 24
12
83
RBM-XX15S
1.8, 3.3, 5, 9, 12, 15, 24
15
66
RBM-XX24S
1.8, 3.3, 5, 9, 12, 15, 24
24
42
RBM-XX1.8D
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±278
RBM-XX3.3D
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±152
RBM-XX05D
1.8, 3.3, 5, 9, 12, 15, 24
±5
±100
RBM-XX09D
1.8, 3.3, 5, 9, 12, 15, 24
±9
±55
RBM-XX12D
1.8, 3.3, 5, 9, 12, 15, 24
±12
±41
RBM-XX15D
1.8, 3.3, 5, 9, 12, 15, 24
±15
±33
RBM-XX24D
1.8, 3.3, 5, 9, 12, 15, 24
±24
±21
Input Voltage
±10%
Input Filter
Capacitor type
Output Accuracy
±5%
Line Voltage Regulation
1,2%/1% V Input
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Ripple and Noise (20MHz limited)
100mVp-p max.
Efficiency at Full Load
70% min.
Isolation Voltage
3000 VDC min.
Isolation Resistance (Viso = 500VDC)
15 GΩ min.
Isolation Capacitance
20pF min./65pF max.
Short Circuit Protection
1 sec.
Switching Frequency at Full Load
100kHz typ.
Operating Temperature
-40°C to +85°C (see Graph)
Storage Temperature
–55°C to +125°C
Package Weight
1.3g
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
2.0
1.5
0.5
1.0
100
50
0
-40
85
125
150
Operating Temperature ˚C
Safe Operating Area
0
Features
New Micro Size SIP6 Package
3kVDC Isolation
Efficiency at Full Load up to 80%
Oper. Temp. Range –40°C to +85°C
UL 94V-0 Package Material
Industrie Standard Pinout
Description
The RBM Micro Size DC/DC-Converter comple-
ments Recom’s industrial range of converters.
This range is widely used for pcb distributed
power systems and combines small package
size, high efficiency, 3kVDC isolation and low out-
put ripple.
The extended operating temperature range
covering –40°C to +85°C is a standard feature.
The full rated power can be taken from a single
pin of this dual output converter, provided this
does not exceed 1 Watt.


Similar Part No. - RBM-1.81.8D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM-1.81.8D RECOM-RBM-1.81.8D Datasheet
107Kb / 3P
   ECONOLINE - DC/DC - CONVERTER
RBM-1.81.8D RECOM-RBM-1.81.8D Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
RBM-1.81.8DP RECOM-RBM-1.81.8DP Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
More results

Similar Description - RBM-1.81.8D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com