Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28441ZXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28441ZXCT
Description  Clock Generator for Intel Alviso Chipset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28441ZXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28441ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY28441ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY28441ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY28441ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY28441ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY28441ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY28441ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY28441ZXCT Datasheet HTML 10Page - Cypress Semiconductor CY28441ZXCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CY28441
Document #: 38-07679 Rev. **
Page 7 of 20
6
0
Test Clock Mode Entry Control
0 = Normal operation, 1 = REF/N or Hi-Z mode,
5
0
Reserved
Reserved, Set = 0
4
1
REF
REF Output Drive Strength
0 = 1X, 1 = 2X
3
1
PCIF, SRC, PCI
SW PCI_STP Function
0=SW PCI_STP assert, 1= SW PCI_STP deassert
When this bit is set to 0, all STOPPABLE PCI, PCIF and SRC outputs will
be stopped in a synchronous manner with no short pulses.
When this bit is set to 1, all STOPPED PCI, PCIF and SRC outputs will
resume in a synchronous manner with no short pulses.
2
Externally
selected
CPUT/C
FS_C Reflects the value of the FS_C pin sampled on power up
0 = FS_C was low during VTT_PWRGD# assertion
1
Externally
selected
CPUT/C
FS_B Reflects the value of the FS_B pin sampled on power up
0 = FS_B was low during VTT_PWRGD# assertion
0
Externally
selected
CPUT/C
FS_A Reflects the value of the FS_A pin sampled on power up
0 = FS_A was low during VTT_PWRGD# assertion
Byte 6: Control Register 6 (continued)
Bit
@Pup
Name
Description
Byte 7: Vendor ID
Bit
@Pup
Name
Description
7
0
Revision Code Bit 3
Revision Code Bit 3
6
0
Revision Code Bit 2
Revision Code Bit 2
5
0
Revision Code Bit 1
Revision Code Bit 1
4
0
Revision Code Bit 0
Revision Code Bit 0
3
1
Vendor ID Bit 3
Vendor ID Bit 3
2
0
Vendor ID Bit 2
Vendor ID Bit 2
1
0
Vendor ID Bit 1
Vendor ID Bit 1
0
0
Vendor ID Bit 0
Vendor ID Bit 0
BYTE 8: CLKREQ Control Register
Bit
@Pup
Name
Description
7
0
Reserved
Reserved
6
1
CLKREQ#B
SRC[T/C]5 CLKREQ#B control
1 = SRC[T/C]5 stoppable by CLKREQ#B pin
0 = SRC[T/C]5 not controlled by CLKREQ#B pin
5
0
CLKREQ#B
SRC[T/C]3 CLKREQ#B control
1 = SRC[T/C]3 stoppable by CLKREQ#B pin
0 = SRC[T/C]3 not controlled by CLKREQ#B pin
4
0
CLKREQ#B
SRC[T/C]1 CLKREQ#B control
1 = SRC[T/C]1 stoppable by CLKREQ#B pin
0 = SRC[T/C]1 not controlled by CLKREQ#B pin
3
0
Reserved
Reserved
2
1
CLKREQ#A
SRC[T/C]4 CLKREQ#A control
1 = SRC[T/C]4 stoppable by CLKREQ#A pin
0 = SRC[T/C]4 not controlled by CLKREQ#A pin
1
0
CLKREQ#A
SRC[T/C]2 CLKREQ#A control
1 = SRC[T/C]2 stoppable by CLKREQ#A pin
0 = SRC[T/C]2 not controlled by CLKREQ#A pin
0
0
CLKREQ#A
SRC[T/C]0 CLKREQ#A control
1 = SRC[T/C]0 stoppable by CLKREQ#A pin
0 = SRC[T/C]0 not controlled by CLKREQ#A pin


Similar Part No. - CY28441ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28441ZXCT SPECTRALINEAR-CY28441ZXCT Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
More results

Similar Description - CY28441ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2 Datasheet
300Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28441 SPECTRALINEAR-CY28441 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 SPECTRALINEAR-CY28442-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 SPECTRALINEAR-CY28411-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411 CYPRESS-CY28411 Datasheet
262Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 CYPRESS-CY28411-1 Datasheet
245Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com