Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M4V64S20ATP-8 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M5M4V64S20ATP-8
Description  64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V64S20ATP-8 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5M4V64S20ATP-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
M5M4V64S20ATP-8, -10, -12
Jan'97
Preliminary
MITSUBISHI LSIs
64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
MITSUBISHI ELECTRIC
SDRAM (Rev.0.2)
BLOCK DIAGRAM
Address Buffer
A0-11 BA0,1
Control Signal Buffer
/CS /RAS /CAS /WE DQM
CLK
CKE
Clock Buffer
Memory Array
Bank #0
Control Circuitry
I/O Buffer
DQ0-7(0-3)
Mode
Register
Memory Array
Bank #1
Memory Array
Bank #2
Memory Array
Bank #3
Type Designation Code
M 5M 4 V 64 S 3 0 A TP - 8
Cycle Time (min.) 8: 8ns, 10: 10ns, 12: 12ns
Package Type TP: TSOP(II)
Process Generation
Function 0: Random Column, 1: 2N-rule
Organization 2n 2: x4, 3: x8, 4: x16
Synchronous DRAM
Density 64:64M bits
Interface S: SSTL, V:LVTTL
Memory Style (DRAM)
Use, Recommended Operating Conditions, etc
Mitsubishi Main Designation
This rule is applied to only Synchronous DRAM family.
2


Similar Part No. - M5M4V64S20ATP-8

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8L MITSUBISHI-M5M4V64S20ATP-8L Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results

Similar Description - M5M4V64S20ATP-8

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
Alliance Semiconductor Corporation
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
NEC
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
Elpida Memory
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
OKI electronic componets
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V4S40CTP-12 MITSUBISHI-M5M4V4S40CTP-12 Datasheet
1Mb / 45P
   4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz