Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M4V64S20ATP-8 Datasheet(PDF) 27 Page - Mitsubishi Electric Semiconductor

Part # M5M4V64S20ATP-8
Description  64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V64S20ATP-8 Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Back Button M5M4V64S20ATP-8 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
M5M4V64S20ATP-8, -10, -12
Jan'97
Preliminary
MITSUBISHI LSIs
64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
MITSUBISHI ELECTRIC
SDRAM (Rev.0.2)
AVERAGE SUPPLY CURRENT from Vdd
(Ta=0 ~ 70°C, Vdd = VddQ = 3.3 ± 0.3v, Vss = VssQ = 0v, Output Open, unless otherwise noted)
AC OPERATING CONDITIONS AND CHARACTERISTICS
(Ta=0 ~ 70°C, Vdd = VddQ = 3.3 ± 0.3v, Vss = VssQ = 0v, unless otherwise noted)
II
Symbol
Parameter
Test Conditions
Limits
Unit
Min.
Max.
VOH (DC)
High-Level Output Voltage (DC)
IOH=-2mA
2.4
V
VOL (DC)
Low-Level Output Voltage (DC)
IOL= 2mA
0.4
V
IOZ
Off-state Output Current
Q floating VO=0 ~ VddQ
-10
10
µA
Input Current
VIH = 0 ~ VddQ+0.3V
-10
10
µA
Symbol
Parameter
Test Conditions
Limits (max)
Unit
125
MHz
100
MHz
83
MHz
Icc1s
operating current, single bank
tRC=min, tCLK=min, BL=1, CL=3
95
85
75
mA
Icc1d
operating current, dual bank
tRC=min, tCLK=min, BL=1, CL=3
130
115
105
mA
Icc2h
standby current, CKE=H
all banks idle, tCLK=min
mA
Icc2l
standby current, CKE=L
all banks idle, tCLK=min
2
2
2
mA
Icc3h
active standby current, CKE=H
all banks active, tCLK=min
50
45
40
mA
Icc3l
active standby current, CKE=L
all banks active, tCLK=min
2
2
2
mA
Icc4
burst current
all banks active, tCLK=min, BL=4,
CL=3
mA
Icc5
auto-refresh current
tRC=min, tCLK=min
130
115
105
mA
Icc6
self-refresh current
CKE <0.2v
1
1
1
mA
27
130
115
105
25
22
20


Similar Part No. - M5M4V64S20ATP-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8L MITSUBISHI-M5M4V64S20ATP-8L Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results

Similar Description - M5M4V64S20ATP-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
logo
Mitsubishi Electric Sem...
M5M4V4S40CTP-12 MITSUBISHI-M5M4V4S40CTP-12 Datasheet
1Mb / 45P
   4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com