Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC16501DGGR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUC16501DGGR
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC16501DGGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUC16501DGGR Datasheet HTML 2Page - Texas Instruments SN74AUC16501DGGR Datasheet HTML 3Page - Texas Instruments SN74AUC16501DGGR Datasheet HTML 4Page - Texas Instruments SN74AUC16501DGGR Datasheet HTML 5Page - Texas Instruments SN74AUC16501DGGR Datasheet HTML 6Page - Texas Instruments SN74AUC16501DGGR Datasheet HTML 7Page - Texas Instruments SN74AUC16501DGGR Datasheet HTML 8Page - Texas Instruments SN74AUC16501DGGR Datasheet HTML 9Page - Texas Instruments SN74AUC16501DGGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74AUC16501
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES418 – DECEMBER 2002 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
fmax
85
150
250
300
350
MHz
tpd
A or B
B or A
8.5
0.9
4
1
2.8
0.3
2
2.8
0.1
2.3
ns
tpd
LE
9.8
1.6
6.3
1
4.1
0.9
2.5
3.8
0.7
3
ns
A or B
tpd
CLK
9.2
1.5
3.8
0.7
3.1
0.9
2.2
3.3
0.6
2.7
ns
ten
9.7
1.6
3
1.1
3.2
1
1.8
3.4
0.8
2.8
ns
OEAB
B
tdis
15
3.6
5.3
0.9
5.7
1.7
2.4
3.2
1
3.1
ns
ten
11
1.7
5.7
1
3.7
1
2.2
3.7
0.7
3
ns
OEBA
A
tdis
18
3.5
7.5
1.4
5.4
2
3.5
5.2
0.9
3
ns
for transparent mode, T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
1 fdata = 10 MHz,
fclk = VCC or
Outputs
GND,
Cpd
Power
enabled,
1 fout = 10 MHz,
(each
dissipation
30
31
33
36
44
pF
1 output
OEAB = VCC,
bit)(1)
capacitance
switching OEBA = GND,
LE = VCC,
CL = 0 pF
1 fdata = 10 MHz,
fclk = VCC or
GND,
Cpd
Power
1 fout = not
Outputs
(each
dissipation
switching,
9
9
10
12
16
pF
disabled
bit)(1)
capacitance
OEAB = GND,
OEBA = VCC,
LE = VCC,
CL = 0 pF
(1)
Cpd (each bit) is the Cpd for each data bit (input and output circuitry) as it operates at 5 MHz (the clock is operating at 10 MHz in this
test, but its ICC component has been subtracted out).
6


Similar Part No. - SN74AUC16501DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16240DGGR TI-SN74AUC16240DGGR Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16240DGVR TI-SN74AUC16240DGVR Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16240GQLR TI-SN74AUC16240GQLR Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16244 TI-SN74AUC16244 Datasheet
315Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUC16501DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501 Datasheet
154Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601 TI-SN74ALVCH16601 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16600 TI-SN74ALVCH16600 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16500 TI-SN74ALVCH16500 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR162601 TI-SN74ALVCHR162601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR16601 TI-SN74ALVCHR16601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601GR TI-SN74ALVCH162601GR Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC162601 TI1-SN74ALVC162601 Datasheet
140Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com