Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-817B57AMC-CXU-T2 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-817B57AMC-CXU-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B57AMC-CXU-T2 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-817B57AMC-CXU-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-817B57AMC-CXU-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-817B57AMC-CXU-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-817B57AMC-CXU-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-817B57AMC-CXU-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-817B57AMC-CXU-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-817B57AMC-CXU-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-817B57AMC-CXU-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-817B57AMC-CXU-T2 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Rev.3.0_00
Seiko Instruments Inc.
8
Table 7
Pin No.
Symbol
Description
1
VSS
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
TO-92
Bottom view
1
3
2
Figure 7
Absolute Maximum Ratings
Table 8
(Ta
=25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Units
Input voltage
VIN
VSS
−0.3 to VSS+12
V
Output voltage
VOUT
VSS
−0.3 to VIN+0.3
V
Power dissipation
PD
SNT-4A
300
*1
mW
SC-82AB
150
SOT-23-5
250
SOT-89-3
500
TO-92
400
Operating temperature range
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. At mounted on JEDEC high heat dissipation printed circuit board
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.


Similar Part No. - S-817B57AMC-CXU-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817B57AMC-CXUT2G SII-S-817B57AMC-CXUT2G Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817B57AMC-CXUT2X ABLIC-S-817B57AMC-CXUT2X Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
More results

Similar Description - S-817B57AMC-CXU-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com