Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILC7011AIC5285X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # ILC7011AIC5285X
Description  80mA SC70 Low Noise CMOS RF-LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7011AIC5285X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ILC7011AIC5285X Datasheet HTML 3Page - Fairchild Semiconductor ILC7011AIC5285X Datasheet HTML 4Page - Fairchild Semiconductor ILC7011AIC5285X Datasheet HTML 5Page - Fairchild Semiconductor ILC7011AIC5285X Datasheet HTML 6Page - Fairchild Semiconductor ILC7011AIC5285X Datasheet HTML 7Page - Fairchild Semiconductor ILC7011AIC5285X Datasheet HTML 8Page - Fairchild Semiconductor ILC7011AIC5285X Datasheet HTML 9Page - Fairchild Semiconductor ILC7011AIC5285X Datasheet HTML 10Page - Fairchild Semiconductor ILC7011AIC5285X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRODUCT SPECIFICATION
ILC7010/7011
REV. 1.0.5 3/21/02
9
General PCB Layout Considerations
To achieve the full performance of the device, careful circuit
layout and grounding technique must be observed. Establish-
ing a small local ground, to which the GND pin, the output
and bypass capacitors are connected, is recommended, while
the input capacitor should be grounded to the main ground
plane.
The quiet local ground is then routed back to the main
ground plane using feedthrough vias.
In general, the high frequency compensation components
(input, bypass, and output capacitors)should be located as
close to the device as possible.
The proximity of the output capacitor is especially important
to achieve optimal noise compensation from the onboard
error amplifier, especially during high load conditions.
A large copper area in the local ground will provide the heat
sinking discussed above when high power dissipation signif-
icantly increases the temperature of the device.
Component-side copper provides significantly better thermal
performance for this surface-mount device, compared to that
obtained when using only copper planes on the underside.


Similar Part No. - ILC7011AIC5285X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
ILC7011C5-28 IMPALA-ILC7011C5-28 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
ILC7011C5-30 IMPALA-ILC7011C5-30 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
ILC7011C5-33 IMPALA-ILC7011C5-33 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
ILC7011C5-36 IMPALA-ILC7011C5-36 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
More results

Similar Description - ILC7011AIC5285X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com